Electronic Components Datasheet Search
  English  ▼

X  

SM5866AS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5866AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—8
DSD Mode Analog Characteristics
Measurement Conditions
Analog Characteristics
Op-amp
: JRC NJM5534D
Supply voltage
SM5866AS
: DVDD = CVDD = AVDDA = AVDDB = 5V,
DVSS = CVSS = AVSSA = AVSSB = 0V
NJM5534D
:
± 15V
Mode setting
: H-Mode (uses H-Filter)
Measurement temperature
: 25
°C
Input data
: SUPER AUDIO CD DAC Test Disc (PHILIPS, 3122-783-00632)
System clock
: 22.5792MHz
Measurement equipment
: Audio Precision System Two (RMS mode)
Filter conditions
: THD
+ N 22Hz HPF, 20kHz LPF (FLP-A20K), Unweighted
D.R
22Hz HPF, 20kHz LPF (AES17), A-weighted (FIL-AWT)
S/N
22Hz HPF, 20kHz LPF (AES17), A-weighted (FIL-AWT)
Measurement circuit
: Refer to “Measurement circuit”.
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
LSI output level1
1. Input stage I/V op-amp, U101 output level (when R101 = 0
Ω)
Vout1
1 kHz, 0 dB
0.92
0.97
1.02
Vrms
Evaluation board output level
Vout2
1 kHz, 0 dB
–
5.7
–
Vrms
Total harmonic distortion
0dB
THD
+ N
1 kHz, 0 dB
–
–109
(0.00036%)
–105
(0.00056%)
dB
–20dB
1 kHz, –20 dB
–
–92
–88
dB
–60dB
1 kHz, –60 dB
–
–52
–48
dB
Dynamic range
D.R
1 kHz,
−60 dB
111
115
–
dB
Signal-to-noise ratio
S/N
1 kHz, 0 dB/
−∞
112
116
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com