Electronic Components Datasheet Search
  English  ▼

X  

SM5866AS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5866AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—6
DSD normal input mode (SDI, SBCKA)
DSD phase-modulated input mode (SDI, SBCKA, SBCKD)
Parameter
Symbol
Rating
Unit
min
typ
max
SBCKA frequency
fSBA
–
2.8224
–
MHz
SBCKA HIGH-level pulsewidth
tSBAWH
40
–
–
ns
SBCKA LOW-level pulsewidth
tSBAWL
40
–
–
ns
SDI setup time
tSDS
10
–
–
ns
SDI hold time
tSDH
10
–
–
ns
SBCKD = LOW
This figure applies when BCPOL = LOW (SBCKA rising edge read-in).
When BCPOL = HIGH, SBCKA has opposite phase.
Parameter
Symbol
Rating
Unit
min
typ
max
SBCKA frequency
fSBA
–
5.6448
–
MHz
SBCKA HIGH-level pulsewidth
tSBAWH
20
–
–
ns
SBCKA LOW-level pulsewidth
tSBAWL
20
–
–
ns
SBCKD frequency
fSBD
–
2.8224
–
MHz
SBCKD HIGH-level pulsewidth
tSBDWH
40
–
–
ns
SBCKD LOW-level pulsewidth
tSBDWL
40
–
–
ns
SDI setup time
tSDS
10
–
–
ns
SDI hold time
tSDH
10
–
–
ns
SBCKA rising edge
→ SBCKD falling edge
tSAD
− 20
–
20
ns
BCPOL = LOW
SBCKA
(64fs)
SDI
SDS
t
SDH
t
1.5V
1.5V
SBA
1/f
SBAWH
t
SBAWL
t
SDI
1.5V
1.5V
1.5V
SBCKA
(128fs)
SBA
1/f
SBCWH
t
SBCWL
t
SBCKD
(64fs)
SAD
t
SBDWL
t
SBDWH
t
SBD
1/f
SDH
t
SDS
t
D1
D1
D2
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com