Electronic Components Datasheet Search
  English  ▼

X  

ES521 Datasheet(PDF) 5 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 5 Page - Winbond

  ES521 Datasheet HTML 1Page - Winbond ES521 Datasheet HTML 2Page - Winbond ES521 Datasheet HTML 3Page - Winbond ES521 Datasheet HTML 4Page - Winbond ES521 Datasheet HTML 5Page - Winbond ES521 Datasheet HTML 6Page - Winbond ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Preliminary
Introduction to system setup
To quickly get familiar with the system, follow this tutorial that will explain the procedure of setting
up a feed through path from the microphone to the speaker of the main 5216. The main 5216
uses the analog audio connectors on the left side of the board.
•
Start the ES521 Application from the start menu. The default path is all configuration
registers set to 0.
•
Set the Aux Gain control to ‘OFF’
•
Set the SUM1AMP control to ‘OFF’
•
Set the SUM1MUX to ‘OFF’
•
Set the SUM2 control to ‘OFF’
•
Set the CODEC MUX to ‘NONE’
•
Set the CODEC A/D control to ‘OFF’, this prevents noise from the CODEC.
•
Set the CODEC D/A control to ‘OFF’, also for preventing noise.
•
Set the Volume MUX control to ‘INP MUX’
•
Set the Output Select control to ‘8 Ohm’
•
Click ‘Write Config’, this updates the main 5216 with this setup.
The display should now show a single blue path from the microphone to the output. If a speaker
is connected to the speaker output, any sound coming into the microphone will be played back
over the speaker.
The top left corner of the application windows shows the configuration registers, they should look
like in the following picture.
Figure 2 – Configuration Register settings
If other values are displayed, restart the application and follow the steps again.
The binary representation of the Configuration Registers at the top of the application window
shows the register content in binary form with bit names used in the data sheet.
There are two other ways to get to the same setup:
•
Exit and restart the application to get back to the initial state. Go into the Paths menu and
select ‘MIC to Speaker’. This should display an identical setup, press the ‘Write Config’
button to write the data to the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com