Electronic Components Datasheet Search
  English  ▼

X  

ES521 Datasheet(PDF) 14 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 14 Page - Winbond

Back Button ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond ES521 Datasheet HTML 13Page - Winbond ES521 Datasheet HTML 14Page - Winbond ES521 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
Preliminary
Main 5216
RAC_1
VCCA
SDI_1
SCK_1
SW1
SW DIP-7
+
SDIO_1
R3
1K
J2
HEADER 10
1
2
3
4
5
6
7
8
9
10
SCL_1
ACAP_AGND
SDI_2
R2
10K
C6
0.01uf
C7
0.1uf
SCL_1
J5
MJ_3536
2
3
1
SDA_2
MCLK_1
J4
MJ_3536
2
3
1
C8
0.1uf
VCCD
R6
1.5K
R4
1K
J1
HEADER 3
1
2
3
SCL_1
MCLK_1
C3
47uf
MCLK_1
WS_1
DUT 1
VCCD
SDIO_2
C4
47uf
C5
0.1uf
J3
MJ_3536
2
3
1
SDA_1
MCLK_2
C2
0.1uf
C1
0.01uf
SDA_1
X1
MICROPHONE
1
2
U1
ISD5216
5
4
2
3
25
26
27
17
18
9
10
23
15
13
24
21
12
19
11
20
A0
SDA
SCL
A1
RAC
INT
MCLK
AUXIN
AUXOUT
MIC+
MIC-
SDI
SP+
SP-
SDIO
WS
ACAP
N/C
MICBS
SCK
SDIO_2
WS_1
WS_1
INT_1
R5
1.5K
WS_2
SDI_1
VCCD
SDI_1
+
SDA_1
INT_1
SDIO_1
SCK_2
SDIO_1
C10
0.1uf
SCK_1
RAC_1
SCL_2
SCK_1
R1
10K
C9
0.1uf
SDIO_1
C11
4.7uf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com