Electronic Components Datasheet Search
  English  ▼

X  

ES521 Datasheet(PDF) 11 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 11 Page - Winbond

Back Button ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond ES521 Datasheet HTML 13Page - Winbond ES521 Datasheet HTML 14Page - Winbond ES521 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Preliminary
On Board Clock Generation
The ES521 Evaluation System has a pair of jumper selectable oscillators. Please refer to the
datasheet for details of operating modes.
There are three clocks supplied to the 5216s:
MCLK – The main clock straight from the oscillator.
SCK – Bit clock used for I
2S or PCM data.
WS – Word sync / Frame sync used by I
2S or PCM data.
PCM mode uses the 13.824MHz oscillator to generate an 8kHz signal commonly used in telecom
applications. The clock jumper(J9) must be set to the 13.824MHz setting and CODEC jumper (J1)
must be set to PCM. The clock generator allows short and long frame sync to be selected.
Note: The frame sync setting is not part of the configuration registers and therefore applies to
both devices. It is not stored in the paths setup.
I
2S mode uses a 20.48MHz oscillator to generate the I2S bit clock and there is only one word sync
length setting. The CODEC jumper(J9) must be in the I
2S position
Running One Or Two Devices
The Demo Board is set up to allow running either one of the two devices from the PC parallel
port, and the central bank of DIP switches allows decoupling of the I
2C and CODEC buses so that
the devices can be controlled independently.
The headers bring out the full I
2C and CODEC buses as well as the RAC and INT pin of each
device. In the normal mode with the DIP switches on, the devices are connected together
allowing the CODECs of both devices to communicate with each other, and the PC to control the
I
2C bus of both devices. Disabling the CODEC DIP switches allows for example another CODEC
chip to be connected.
If the external CODEC is connected to the main 5216, the external CODEC will be in slave mode,
if connected to the secondary 5216, the clocks from the clock generator on the Demo Board can
be disconnected and the secondary 5216 run in slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com