Electronic Components Datasheet Search
  English  ▼

X  

ES521 Datasheet(PDF) 9 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 9 Page - Winbond

Back Button ES521 Datasheet HTML 5Page - Winbond ES521 Datasheet HTML 6Page - Winbond ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond ES521 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Preliminary
Digital Read and Write
The ISD5216 chip allows writing of digital data as well as analog. Any address can be used for
either analog or digital storage, but not both at the same time.
The demo application shows the capability to read and write text into memory and also read the
raw data out of any memory cell.
The Address box at the top of the window is shared for all operations, type in a hex number
between 0 and FFFF to specify a 64 bit block. If no address is specified, the application is going
to use the current address pointer. For details about addressing, please refer to the datasheet.
Reading and Writing Strings
Erase: Pressing this button will erase one page of data (2048 bits), it is not possible to erase a
smaller number of bits.
Read Data: Reads a string of characters previously stored with the Write Data button.
Write Data: Writes a string to non-volatile digital memory (max 256 characters)
Reading Raw Data
The program allows reading of the raw data from any position in the array. Use the address box
at the top of the window or leave it blank for using the current address.
Type the number of 64 bit words to read (a decimal number) and press Read Raw Data to
retrieve the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com