Electronic Components Datasheet Search
  English  ▼

X  

ES521 Datasheet(PDF) 12 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 12 Page - Winbond

Back Button ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond ES521 Datasheet HTML 13Page - Winbond ES521 Datasheet HTML 14Page - Winbond ES521 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
Preliminary
Setting up the board
The board has the following connectors and possible setups:
Clock Configuration Jumper (J9)
The clock jumper is only needed for operations involving the CODEC, the jumper allows selection
between the 13.824MHz and the 20.48MHz oscillator on the board. 13.824MHz is used for 8kHz
applications such as A-law or
µ-law CODEC operation. 20.48MHz is divided down to 44.1kHz to
interface using I
2S.
Using long or short frame sync in PCM mode is software selectable from the main application
window.
CODEC Jumper (J1)
In I
2S mode, the two SDIO lines are connected together, while in PCM mode the SDIO is
connected to SDI and vice versa.
I
2C Switches (SDA, SCL)
When the DIP switches for SDA and SCL are on, both 5216s are controlled using the I
2C bus
from the PC parallel port. Switching the I
2C interface off allows control of the second 5216 from
the J10 header. Note that pull-ups must be provided by the external bus driver in that case.
CODEC Switches (SCK, WS, MCLK, SDI, SDIO)
The 5216 CODECs can be connected together or run separately depending on the switch setup.
The switches allow the clocks generated on the main board to be connected to the secondary
board as well, and the CODEC data lines allow digital communication between the devices.
The clocks are always connected to the main board, but switching the CODEC off allows the
secondary board to be controlled by another device using the J10 header.
Recommended power supply
The board can be driven by a 9V battery or a 5 to 9V DC supply with positive polarity rated at 500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com