Electronic Components Datasheet Search
  English  ▼

X  

PS392 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PS392
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS392 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PS392 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS8168E
09/16/02
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Electrical Specifications - Dual Supplies (continued)
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VINH =2.4V,VINL=0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum,
is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RON=RONmax-RONmin
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNC or VNO) ], VCOM = Output, VNC ,VNO = input to off switch
8. Between any two switches.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
°
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
I H
N
I
IN
,
V
4
.
2
=
V
8
.
0
=
s
r
e
h
t
o
ll
a
ll
u
F5
.
0
–5
0
0
.
05
.
0A
µ
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
t
u
p
n
I
I L
N
I
IN
,
V
8
.
0
=
V
4
.
2
=
s
r
e
h
t
o
ll
a
c
i
m
a
n
y
D
e
m
i
T
-
n
O
-
n
r
u
Tt N
O
V
M
O
C
,
V
3
±
=
1
e
r
u
g
i
F
5
21
50
3
1
s
n
ll
u
F5
7
1
e
m
i
T
-
f
f
O
-
n
r
u
Tt
)
F
F
O
(
5
29
25
7
ll
u
F0
0
1
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
a
l
e
D
e
m
i
T
tD
R
,
y
l
n
o
3
9
3
S
P
L
,
m
h
o
0
0
3
=
CL
2
e
r
u
g
i
F
,
F
p
5
3
=
ll
u
F0
10
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
3
e
r
u
g
i
F
,
m
h
o
0
=
5
2
35
C
p
n
o
it
a
l
o
s
I
f
f
OO R
R
I
RL
,
F
p
5
=
L
C
,
m
h
o
0
5
=
4
e
r
u
g
i
F
,
z
H
M
1
=
f
5
6
–
B
d
k
l
a
t
s
s
o
r
CX
K
L
A
T
RL
,
F
p
5
=
L
C
,
m
h
o
0
5
=
5
e
r
u
g
i
F
,
z
H
M
1
=
f
0
9
–
e
c
n
a
ti
c
a
p
a
C
O
N
r
o
C
NC
)
F
F
O
(
6
e
r
u
g
i
F
,
z
H
M
1
=
f
2
1
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
2
1
e
c
n
a
ti
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
7
e
r
u
g
i
F
,
z
H
M
1
=
f
5
2
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
e
v
it
i
s
o
P–
V
,
+
V
ll
u
F
3
±8
±V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
,
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
V N
I
+
V
r
o
V
0
=
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
A
–1
1
A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
a
g
e
N
–
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com