Electronic Components Datasheet Search
  English  ▼

X  

PS392 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS392
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS392 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS392 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8168E
09/16/02
Absolute Maximum Ratings
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Electrical Specifications - Single +12V Supply
(V+ = 12V ±10%, GND = 0V, VINH = 4V,VINL = 0.8V)
ThermalInformation
Continuous Power Dissipation (TA= +70ºC)
Plastic DIP (derate 10.5mW/ ºC above +70ºC) . . . . . . . . . 800mW
SO and QSOP (derate 8.7mW/ ºC above +70ºC) . . . . . . . 650mW
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65ºCto+150ºC
Lead Temperature (soldering, 10s) . . . . . . . . . . . . . . . . . +300ºC
Note
Signals on NC, NO, COM, or IN exceeding V+ or GNDareclamped
by internal diodes. Limit forward diode current to 30mA.
Voltages Referenced to V–
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3Vto+17V
VIN,VCOM,VNC,VNO(Note1) . . . . . . . . (V–)–2Vto(V+)+2V
or 30mA, whichever occurs first
Current (any terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) . . . . . . . . . . . . . . . . . 100mA
ESD per Method 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . >2000V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
.
p
m
e
Tn
i
M (1)
p
y
T (2)
x
a
M
-
(
1)
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
t
s
i
s
e
R
n
OR N
O
I
,
V
2
1
=
+
V
M
O
C
,
A
m
2
=
V O
N
V
0
1
=
5
26
15
4
m
h
o
ll
u
F5
5
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
I
,
V
2
1
=
+
V
M
O
C
A
m
2
=
V O
N
V
0
1
=
5
25
.
04
ll
u
F6
e
c
n
a
t
s
i
s
e
R
-
n
O
s
s
e
n
t
a
l
F
)
5
(
R
)
N
O
(
T
A
L
F
I
,
V
2
1
=
+
V
M
O
C
,
A
m
2
=
V O
N
V
1
,
V
5
,
V
0
1
=
5
22
4
ll
u
F6
f
f
O
C
N
r
o
O
N
t
n
e
r
r
u
C
e
g
a
k
a
e
L
)
6
(
I
)
F
F
O
(
O
N
OR
I
)
F
F
O
(
C
N
V
,
V
2
1
=
+
V
M
O
C
,
V
0
=
V O
N
V
0
1
=
5
21
–1
A
n
ll
u
F6
–6
e
g
a
k
a
e
L
f
f
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
M
O
C
V
,
V
2
1
=
+
V
M
O
C
,
V
0
=
V O
N
V
0
1
=
5
21
–1
ll
u
F6
–6
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
N
O
(
M
O
C
V
,
V
2
1
=
+
V
M
O
C
,
V
0
1
=
V O
N
V
0
1
=
5
22
–2
ll
u
F2
1
–2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com