Electronic Components Datasheet Search
  English  ▼

X  

PS392 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PS392
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS392 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PS392 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
6
PS8168E
09/16/02
n
o
i
t
p
i
r
c
s
e
Dr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
h
c
ti
w
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
I
,
V
5
.
4
=
+
V
M
O
C
,
A
m
0
1
–
=
V O
N
V
r
o
C
N
V
5
.
3
=
5
23
25
4
W
ll
u
F0
6
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
I
,
V
5
=
+
V
M
O
C
,
A
m
1
–
=
V O
N
V
r
o
C
N
V
3
=
5
23
.
02
ll
u
F4
e
c
n
a
t
s
i
s
e
R
-
n
O
s
s
e
n
t
a
l
F
)
5
,
3
(
R
)
N
O
(
T
A
L
F
I
,
V
5
=
+
V
M
O
C
,
A
m
1
–
=
V O
N
V
r
o
C
N
V
4
,
V
1
=
5
21
4
ll
u
F6
e
g
a
k
a
e
L
f
f
O
C
N
r
o
O
N
t
n
e
r
r
u
C
)
9
(
I
)
F
F
O
(
O
N
r
o
I
)
F
F
O
(
C
N
V
,
V
5
.
5
=
+
V
M
O
C
,
V
0
=
V O
N
V
r
o
C
N
V
5
.
4
=
5
21
.
0
–4
0
0
0
.
01
.
0
A
n
ll
u
F5
.
2
–5
.
2
e
g
a
k
a
e
L
f
f
O
M
O
C
t
n
e
r
r
u
C
)
9
(
I
)
F
F
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
,
V
0
=
V O
N
V
r
o
C
N
V
5
.
4
=
5
21
.
0
–1
0
0
.
01
.
0
ll
u
F5
.
2
–5
.
2
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
r
r
u
C
)
9
(
I
)
N
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
V
5
.
4
=
5
22
.
0
–2
0
0
.
02
.
0
ll
u
F5
–5
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V O
N
V
r
o
C
N
V
3
=
5
23
60
7
1
s
n
ll
u
F0
4
2
e
m
i
T
f
f
O
-
n
r
u
Tt F
F
O
5
24
30
5
ll
u
F0
0
1
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
a
l
e
D
e
m
i
T
)
3
(
tD
R
,
y
l
n
o
3
9
3
S
P
L
,
m
h
o
0
0
3
=
CL
F
p
5
3
=
ll
u
F0
10
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
=
4
e
r
u
g
i
F
,
V
0
5
20
5
C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
,
V
5
.
5
=
+
V
V N
I
,
+
V
r
o
V
0
=
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
A
ll
u
F1
–1
mA
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
a
g
e
N–
I
Electrical Specifications - Single 5V Supply
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VINH =2.4V,VINL=0.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com