Electronic Components Datasheet Search
  English  ▼

X  

PS392 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS392
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS392 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PS392 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS8168E
09/16/02
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
n
o
i
t
p
i
r
c
s
e
Dr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
h
c
ti
w
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
t
s
i
s
e
R
-
n
O
l
e
n
n
a
h
CR N
O
I
,
V
3
=
+
V
M
O
C
,
A
m
0
1
–
=
V O
N
V
r
o
C
N
V
5
.
1
=
5
22
65
7
1
m
h
o
ll
u
F5
7
2
c
i
m
a
n
y
D
e
m
i
T
-
n
O
-
n
r
u
T
)
3
(
t N
O
V O
N
V
r
o
C
N
V
5
.
1
=
5
27
90
0
4
s
n
ll
u
F0
0
5
e
m
i
T
-
f
f
O
-
n
r
u
T
)
3
(
t
)
F
F
O
(
5
23
55
2
1
ll
u
F5
7
1
y
a
l
e
D
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
)
3
(
tD
R
,
y
l
n
o
3
9
3
S
P
L
0
3
=
0
;
m
h
o
CL
F
p
5
3
=
5
20
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
0
.
1
=
N
E
G
,
V
0
=
R N
E
G
V
0
=
ll
u
F1
5
C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
,
V
6
.
3
=
+
V
N
I
r
o
V
0
=
,
+
V
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
A
ll
u
F1
–1
A
µ
it
a
g
e
N
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
–
I
Electrical Specifications - Single 3.3V Supply
(V+ = +3V to 3.6V, GND = 0V, VINH =2.4V,VINL =0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum,
is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RON=RONmax-RONmin
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNC or VNO) ], VCOM = Output, VNC ,VNO = input to off switch
8. Between any two switches.
9. Leakage testing at single supply is guaranteed by testing with dual supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com