Electronic Components Datasheet Search
  English  ▼

X  

PS392 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PS392
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS392 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PS392 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 11Page - Pericom Semiconductor Corporation PS392 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PS8168E
09/16/02
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
TestCircuits/TimingDiagrams(continued)
Figure 4. Off Isolation
Figure 6. Channel-Off Capacitance
Figure 5. Crosstalk
Figure 7. Channel-On Capacitance
V+
+5V
NC
Capacitance
Meter
GND
-5V
V-
or NO
COM
10nF
IN
0V or
2.4V
10nF
f = 1kHz
V+
+5V
NC
Analyzer
GND
-5V
V-
or NO
COM
10nF
IN
RL
0V or
2.4V
10nF
COM
Signal
Generator 0dBm
V+
+5V
Analyzer
GND
-5V
V-
N02
COM1
10nF
IN2
RL
10nF
COM
Signal
Generator 0dBm
0V or
2.4V
COM2
IN1
N01
NC
50
Ω
0V or
2.4V
V+
+5V
NC
Capacitance
Meter
GND
EN
or NO
COM
10nF
IN
0V or
2.4V
f = 1kHz
As illustrated in Figure 8, PS391 can be used to insert various
capacitors (C1, C2) and set proper RC times for integration. The
resistors R1 and R2 set initial gain. The RIN resistor x C1 or C2 sets
the RC time. The reset switch discharges the hold capacitor
through RIN.
Figure8. ProgrammableIntegratorandSample/Hold
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com