Electronic Components Datasheet Search
  English  ▼

X  

WM8980 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MONO
0
Selects between stereo and mono
device operation:
0=Stereo device operation
1=Mono device operation. Data appears
in ‘left’ phase of LRC
1
ADCLRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=ADC data appear in ‘left’ phase of
LRC
1=ADC data appears in ‘right’ phase of
LRC
2
DACLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=DAC data appear in ‘left’ phase of
LRC
1=DAC data appears in ‘right’ phase of
LRC
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I
2S format
11= DSP/PCM mode
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits (see note)
7
LRCP
LRC clock polarity
0=normal
1=inverted
R4
Audio
Interface
Control
8
BCP
BCLK polarity
0=normal
1=inverted
Table 45 Audio Interface Control
Note: Right Justified Mode will only operate with a maximum of 24 bits.
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below. Each audio interface can be controlled individually.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK,
and LRC are outputs. The frequency of BCLK in master mode are controlled with BCLKDIV. These
are divided down versions of master clock. This may result in short BCLK pulses at the end of a
LRC if there is a non-integer ratio of BCLKs to LRC clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com