Electronic Components Datasheet Search
  English  ▼

X  

WM8980 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000= input (CSB/jack detection:
depending on MODE setting)
001= reserved
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=logic 1
111=logic 0
3
GPIO1POL
0
GPIO1 Polarity invert
0=Non inverted
1=Inverted
R8
GPIO
Control
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
2:0
GPIO4SEL
000
GPIO4 pin function select:
000= input jack detection
001= reserved
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=logic 1
111=logic 0
R9
GPIO
Control
3
GPIO4POL
0
GPIO4 Polarity invert
0=Non inverted
1=Inverted
Table 53 CSB/GPIO Control
Note: If MODE is set to 3 wire mode, CSB/GPIO1 shall be used as CSB input irrespective of the
GPIO1SEL[2:] bits.
For further details of the Jack detect operation see the OUTPUT SWITCHING section.
OUTPUT SWITCHING (JACK DETECT)
When the device is configured with a 2-wire interface the CSB/GPIO1 pin can be used as a switch
control input to automatically disable one set of outputs and enable another.
The L2/GPIO2,
R2/GPIO3 and GPIO4 pins can also be used for this purpose. For example, when a headphone is
plugged into a jack socket then it may be desirable to disable the speaker (e.g. when one of the
GPIO pins is connected to a mechanical switch in the headphone socket to detect plug-in).
The GPIO pins have an internal de-bounce circuit when in this mode in order to prevent the output
enables from toggling multiple times due to input glitches. This de-bounce circuit is clocked from a
slow clock with period 2
21 x MCLK.
Note that the GPIOPOL bits are not relevant for jack detection, it is the signal detected at the pin
which is used.
The switching on/off of the outputs is fully configurable by the user. Each output, OUT1, OUT2,
OUT3 and OUT4 has 2 associated enables. OUT1_EN_0, OUT2_EN_0, OUT3_EN_0 and
OUT4_EN_0 are the output enable signal which are used if the selected jack detection pin is at logic
0 (after de-bounce). OUT1_EN_1, OUT2_EN_1, OUT3_EN_1 and OUT4_EN_1 are the output
enable signals which are used if the selected jack detection pin is at logic 1 (after de-bounce).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com