Electronic Components Datasheet Search
  English  ▼

X  

WM8980 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
15
DEVICE DESCRIPTION
INTRODUCTION
The WM8980 is a low power audio codec combining a high quality stereo audio DAC and ADC, with
flexible line and microphone input and output processing. Applications for this device include stereo
digital camcorders, and digital still cameras with either mono or stereo, audio and video, record and
playback capability.
The integrated video buffer makes the device suitable for driving both audio
and video signals directly to a television or VCR.
FEATURES
The chip offers great flexibility in use, and so can support many different modes of operation as
follows:
MICROPHONE INPUTS
Two pairs of stereo microphone inputs are provided, allowing for a pair of stereo microphones to be
pseudo-differentially connected, with user defined gain using internal resistors. The provision of the
common mode input pin for each stereo input allows for rejection of common mode noise on the
microphone inputs (level depends on gain setting chosen). A microphone bias is output from the chip
which can be used to bias both microphones. The signal routing can be configured to allow manual
adjustment of mic levels, or indeed to allow the ALC loop to control the level of mic signal that is
transmitted.
Total gain through the microphone paths of up to +55.25dB can be selected.
PGA AND ALC OPERATION
A programmable gain amplifier is provided in the input path to the ADC. This may be used manually
or in conjunction with a mixed analogue/digital automatic level control (ALC) which keeps the
recording volume constant.
LINE INPUTS (AUXL, AUXR)
The inputs, AUXL and AUXR, can be used as a stereo line input or as an input for warning tones (or
‘beeps’) etc. These inputs can be summed into the record paths, along with the microphone preamp
outputs, so allowing for mixing of audio with ‘backing music’ etc as required.
ADC
The stereo ADC uses a multi-bit high-order oversampling architecture to deliver optimum
performance with low power consumption.
HI-FI DAC
The hi-fi DAC provides high quality audio playback suitable for all portable audio hi-fi type
applications, including MP3 players and portable disc players of all types.
OUTPUT MIXERS
Flexible mixing is provided on the outputs of the device. A stereo mixer is provided for the stereo
headphone or line outputs, LOUT1/ROUT1, and additional summers on the OUT3/OUT4 outputs
allow for an optional differential or stereo line output on these pins. Gain adjustment PGAs are
provided for the LOUT1/ROUT1 and LOUT2/ROUT2 outputs, and signal switching is provided to
allow for all possible signal combinations. The output buffers can be configured in several ways,
allowing support of up to three sets of external transducers; ie stereo headphone, BTL speaker, and
BTL earpiece may be connected simultaneously. Thermal implications should be considered before
simultaneous full power operation of all outputs is attempted.
Alternatively, if a speaker output is not required, the LOUT2 and ROUT2 pins might be used as a
stereo headphone driver, (disable output invert buffer on ROUT2). In that case two sets of
headphones might be driven, or the LOUT2 and ROUT2 pins used as a line output driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com