Electronic Components Datasheet Search
  English  ▼

X  

WM8980 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
10
POWER CONSUMPTION
Estimated current consumption for typical scenarios are shown below.
For more information on current consumption of individual blocks, see "Estimated Supply Currents"
section.
Unless otherwise specified, all supply voltages are 3.3V.
MODE
AVDD
DCVDD
VBVDD
UNITS
Off
0
0
0
mA
Sleep (VREF maintained)
0.1
0
0
mA
Stereo Record (8kHz,
PLL enabled)
8.1
0.8
0
mA
Stereo HP Playback (44.1kHz, PLL enabled)
6.6
4.3
0
mA
Stereo HP Playback (44.1kHz, PLL enabled,
Video Buffer enabled)
6.6
4.3
1.0
mA
Table 1 Power Consumption
Notes:
1.
DBVDD Supply current is not shown, as this is determined by loading on the digital I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com