Electronic Components Datasheet Search
  English  ▼

X  

WM8980 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD=1.8V, AVDD=DBVDD=SPKVDD=VBVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Preamp Inputs (LIP, LIN, RIP, RIN, L2, R2)
Full-scale Input Signal Level –
note this changes with AVDD
(Note 1)
VINFS
PGABOOST = 0dB
INPPGAVOL = 0dB
1.0
0
Vrms
dBV
Mic PGA equivalent input noise
At 35.25dB
gain
TBD
uV
RMICIN
Gain set to 35.25dB
1.6
k
RMICIN
Gain set to 0dB
47
k
RMICIN
Gain set to -12dB
75
k
RMICIP
MICP2INPPGA = 1
94
k
RMICIP
MICP2INPPGA = 0
TBD
k
Input resistance
CMICIN
10
pF
Recommended coupling cap
CCOUP
220
pF
MIC Programmable Gain Amplifier (PGA)
Programmable Gain
-12
35.25
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
TBD
dB
Selectable Input Gain Boost (0/+20dB)
Boost disabled
0
dB
Gain Boost on PGA input
Boost enabled
20
dB
Gain range from AUXL/R or
L/R2 input to boost/mixer
-12
+6
dB
Gain step size to boost/mixer
3
dB
Auxilliary Analogue Inputs (AUXL, AUXR)
Full-scale Input Signal Level
(0dB) – note this changes with
AVDD
VINFS
AVDD/3.3
0
Vrms
dBV
RAUXINLMIN
Left Input boost and mixer
enabled, at max gain
4.3
k
RAUXINLTYP
Left Input boost and mixer
enabled, at 0dB gain
8.6
k
RAUXINLMAX
Left Input boost and mixer
enabled, at min gain
39.1
k
RAUXINRMIN
ight Input boost, mixer and
beep enabled, at max gain
3
k
RAUXINRTYP
ight Input boost, mixer and
beep enabled, at 0dB gain
6
k
Input Resistance
(Note 2)
RAUXINRMAX
ight Input boost, mixer and
beep enabled, at min gain
29
k
Input Capacitance
CMICIN
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com