Electronic Components Datasheet Search
  English  ▼

X  

Z53C80 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 4Page - Zilog, Inc. Z53C80 Datasheet HTML 5Page - Zilog, Inc. Z53C80 Datasheet HTML 6Page - Zilog, Inc. Z53C80 Datasheet HTML 7Page - Zilog, Inc. Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Z53C80 Datasheet HTML 10Page - Zilog, Inc. Z53C80 Datasheet HTML 11Page - Zilog, Inc. Z53C80 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Z53C80 SCSI
PS97SCC0200
ZILOG
FUNCTIONAL DESCRIPTION (Continued)
Input Data Register.
Address 6 (Read Only). The input
Data Register (Figure 7) is a read-only register that is used
to read latched data from the SCSI Bus. Data is latched
either during a DMA Target receive operation when /ACK
goes active or during a DMA Initiator receive when /REQ
goes active. The DMA Mode bit (Mode Register bit 1) must
be set before data can be latched in the Input Data
Register. This register is read under DMA control using
/RD and /DACK. Parity is optionally checked when the
Input Data Register is loaded.
Assert Data Bus
Assert /ATN
Assert /SEL
Assert /BSY
Assert /ACK
Lost Arbitration
Arbitration in Progress
Assert /RST
Address: 1
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Figure 8. Initiator Command Register
(Register Read)
/DB0
/DB1
/DB2
/DB3
/DB4
/DB5
/DB6
/DB7
Address: 6
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Figure 7. Input Data Register
Initiator Command Register.
Address 1 (Read/Write).
The Initiator Command Register (Figures 8 and 9) are read
and write registers which assert certain SCSI Bus signals,
monitors those signals, and monitors the progress of bus
arbitration. Many of these bits are significant only when
being used as an Initiator; however, most can be used
during Target role operation.
Assert Data Bus
Assert /ATN
Assert /SEL
Assert /BSY
Assert /ACK
"0"
Test Mode
Assert /RST
Address: 1
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Figure 9. Initiator Command Register
(Register Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com