Electronic Components Datasheet Search
  English  ▼

X  

Z53C80 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z53C80 Datasheet HTML 1Page - Zilog, Inc. Z53C80 Datasheet HTML 2Page - Zilog, Inc. Z53C80 Datasheet HTML 3Page - Zilog, Inc. Z53C80 Datasheet HTML 4Page - Zilog, Inc. Z53C80 Datasheet HTML 5Page - Zilog, Inc. Z53C80 Datasheet HTML 6Page - Zilog, Inc. Z53C80 Datasheet HTML 7Page - Zilog, Inc. Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
Z53C80 SCSI
ZILOG
PS97SCC0200
PIN DESCRIPTION
Microprocessor Bus
A2-A0
Address Lines (Input). Address lines are used to
access all internal registers with /CS, /IOR, and /IOW.
/CS
/Chip Select (Input, active Low). /CS, in conjunction
with /RD or /WR, enables the internal register selected by
A2-A0, to be read from or write to. /CS and /DACK must
never be active simultaneously.
/DACK
/DMA Acknowledge (Input, active Low). /DACK, in
conjunction with /IOR and /IOW, is used to enable reading
or writing the SCSI I/O Data Registers when in the DMA
Mode. When the DRQ has acknowledged that the byte has
been successfully transferred to or from the DMA controller,
this signal is asserted. /DACK and /CS must never be
active simultaneously.
DRQ
DMA Request (Output, active High). This signal is
asserted when the chip is ready to transfer a data byte to
and from the DMA controller. The DMA Request will be
asserted only if the DMA Mode bit (Register 2, Bit 1) is set.
The transfer is complete upon reception of /DACK.
D7-D0
Data Lines (Bi-directional; Tri-State, active High).
The Data Bus lines carry data and commands to and from
SCSI. D7 is the most significant bit of this bus.
/EOP
/End of Process (Input, active Low). To terminate a
DMA transfer, this signal is asserted. The current byte will
be transferred but no additional bytes will be requested if
asserted during a DMA cycle. /EOP can be used to
generate an interrupt when it is received from a DMA
Controller.
/IOR
/I/O Read (Input, active Low). This signal is used to
read an internal register selected by /CS and A2-A0. The
Input Data Register can also be selected by this signal
when /DACK is active during DMA transfers.
/IOW
/I/O Write (Input, active Low). This signal is used to
write to an internal register selected by /CS and A2-A0. The
Output Data Register can also be selected by this signal
when used with /DACK during DMA transfers.
IRQ
Interrupt Request (Output, active High). IRQ alerts the
microprocessor of an error condition or an event completion.
Most of the interrupts are individually maskable.
READY
Ready (Output, active High). This signal can be
used to control the data transfer handshaking of block
mode DMA transfers. READY is asserted to indicate that
the chip is ready to transfer data and remains false after a
transfer until the chip is ready for another DMA transfer.
READY is always asserted when the DMA Mode Bit is a
zero.
/RESET
/Reset (Input, active Low). /RESET clears all
registers and has no effect upon the SCSI /RST signal.
Therefore it does not reset the SCSI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com