Electronic Components Datasheet Search
  English  ▼

X  

Z53C80 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 3Page - Zilog, Inc. Z53C80 Datasheet HTML 4Page - Zilog, Inc. Z53C80 Datasheet HTML 5Page - Zilog, Inc. Z53C80 Datasheet HTML 6Page - Zilog, Inc. Z53C80 Datasheet HTML 7Page - Zilog, Inc. Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Z53C80 Datasheet HTML 10Page - Zilog, Inc. Z53C80 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
Z53C80 SCSI
ZILOG
PS97SCC0200
FUNCTIONAL DESCRIPTION
General. The Small Computer System interface (SCSI)
device has a set of eight registers that are controlled by the
CPU. By reading and writing the appropriate registers, the
CPU may initiate any SCSI Bus activity or may sample and
assert any signal on the SCSI Bus. This allows the user to
implement all or any of the SCSI protocol in software. These
registers are read (written) by activating /CS with an
address on A2-A0 and then issuing a /RD (/WR) pulse. This
section describes the operation of the internal registers
(Table 1).
Table 1. Register Summary
Address
A2
A1
A0
R/W
Register Name
000R
Current SCSI Data
000W
Output Data
0
0
1
R/W
Initiator Command
0
1
0
R/W
Mode
0
1
1
R/W
Target Command
100R
Current SCSI Bus Status
100W
Select Enable
101R
Bus and Status
101W
Start DMA Send
110R
Input Data
110W
Start DMA Target Receive
111R
Reset Parity/Interrupt
111W
Start DMA Initiator Receive
Data Registers. The data registers are used to transfer
SCSI commands, data, status, and message bytes between
the microprocessor Data Bus and the SCSI Bus. The SCSI
does not interpret any information that passes through the
data registers. The data registers consist of the transparent
Current SCSI Data Register, the Output Data Register, and
the Input Data Register.
Current SCSI Data Register.
Address 0 (Read Only). The
Current SCSI Data Register (Figure 5) is a read-only
register which allows the microprocessor to read the active
SCSI Data Bus. This is accomplished by activating /CS
with an address on A2-A0 and issuing a /RD pulse. If parity
checking is enabled, the SCSI Bus parity is checked at the
beginning of the read cycle. This register is used during a
programmed I/O data read or during Arbitration to check
for higher priority arbitrating devices. Parity is not
guaranteed valid during Arbitration.
Figure 5. Current SCSI Data Register
Output Data Register.
Address 0 (Write Only). The Output
Data Register (Figure 6) is a write-only register that is used
to send data to the SCSI Bus. This is accomplished by
either using a normal CPU write, or under DMA control, by
using /WR and /DACK. This register also asserts the
proper ID bits on the SCSI Bus during the Arbitration and
Selection phases.
/DB0
/DB1
/DB2
/DB3
/DB4
/DB5
/DB6
/DB7
Address: 0
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
/DB0
/DB1
/DB2
/DB3
/DB4
/DB5
/DB6
/DB7
D7 D6 D5 D4 D3 D2 D1 D0
Address: 0
(Write Only)
Figure 6. Output Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com