Electronic Components Datasheet Search
  English  ▼

X  

Z53C80 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 29Page - Zilog, Inc. Z53C80 Datasheet HTML 30Page - Zilog, Inc. Z53C80 Datasheet HTML 31Page - Zilog, Inc. Z53C80 Datasheet HTML 32Page - Zilog, Inc. Z53C80 Datasheet HTML 33Page - Zilog, Inc. Z53C80 Datasheet HTML 34Page - Zilog, Inc. Z53C80 Datasheet HTML 35Page - Zilog, Inc. Z53C80 Datasheet HTML 36Page - Zilog, Inc. Z53C80 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
Z53C80 SCSI
ZILOG
PS97SCC0200
AC CHARACTERISTICS
DMA Read (Non-Block Mode) Target Receive Table
Name
Description
Min
Max
Units
1
DRQ False from /DACK True
60
ns
2
/DACK False to DRQ True
30
ns
3
/DACK Hold Time from End of /IOR
0
ns
4
Data Access Time from Read Enable [1]
70
ns
5
Data Hold Time from End of /IOR
10
ns
6
Width of /EOP Pulse [2]
50
7
/ACK True to DRQ True
70
8
/DACK False to /REQ True (/ACK False)
90
9
/ACK True to /REQ False
80
10
/ACK False to /REQ True (/DACK False)
100
11
DATA Setup Time to /ACK
20
12
DATA Hold Time from /ACK True
30
Notes:
[1] Read enable is the occurrence of both /IOR and /DACK.
[2] /EOP, /IOR and /DACK must be concurrently true for a least T6 for
proper recognition of the /EOP pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com