Electronic Components Datasheet Search
  English  ▼

X  

Z53C80 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 2Page - Zilog, Inc. Z53C80 Datasheet HTML 3Page - Zilog, Inc. Z53C80 Datasheet HTML 4Page - Zilog, Inc. Z53C80 Datasheet HTML 5Page - Zilog, Inc. Z53C80 Datasheet HTML 6Page - Zilog, Inc. Z53C80 Datasheet HTML 7Page - Zilog, Inc. Z53C80 Datasheet HTML 8Page - Zilog, Inc. Z53C80 Datasheet HTML 9Page - Zilog, Inc. Z53C80 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Z53C80 SCSI
PS97SCC0200
ZILOG
SCSI BUS
The following signals are all Bi-directional, active Low,
open-drain, with 48 mA sink capacity. All pins interface
directly with the SCSI Bus.
/ACK
/Acknowledge (Bi-directional, Open-Drain, Active
Low). /ACK is driven by the Initiator and indicates an
acknowledgment for a SCSI data transfer. /ACK is received
as a response to the /REQ Signal in the Target role.
/ATN
/Attention (Bi-directional, Open-Drain, Active Low).
/ATN is driven by the Initiator and indicates an attention
condition. /ATN is received and is responded to by entering
the Message Out Phase in the Target role.
/BSY
/Busy (Bi-directional, Open-Drain, Active Low). /BSY
indicates that the SCSI Bus is being occupied. /BSY can be
driven by both the Target and the Initiator device.
/C//D
/Control//Data (Bi-directional, Open-Drain, Active
Low). /C//D indicates Control or Data information is on the
SCSI Bus. This signal is driven by a Target and is received
by the Initiator.
/I//O
/Input//Output (Bi-directional, Open-Drain, Active Low).
/I//O is driven by a Target and controls the direction of data
transfer on the SCSI Bus. When asserted, this signal
indicates input to the Initiator. When not asserted, this
signal indicates output from the Initiator. This signal is also
used to recognize the difference between the Selection
and Reselection Phases.
/MSG
/Message (Bi-directional, Open-Drain, Active Low).
The Target drives /MSG active during the Message Phase
and is received by the Initiator.
/REQ
/Request (Bi-directional, Open-Drain, Active Low).
Received by the Initiator and driven by a Target, /REQ
indicates a request for an SCSI data-transfer handshake.
/RST
SCSI Bus RESET (Bi-directional, Open-Drain, Active
Low). The /RST signal shows a SCSI Bus RESET condition
has occurred.
/DB7-/DB0,/DBP
/Data Bits, /Parity Bits (Bi-directional,
Open-Drain, Active Low). These eight data bits (/DB7-/
DB0), plus a parity bit (/DBP) form the SCSI Data Bus. /DB7
has the highest priority during the Arbitration phase and is
the most significant bit (MSB). Data parity is odd and is
always generated and optionally checked, which is not
valid during Arbitration.
/SEL
/Select (Bi-directional, Open-Drain, Active Low).
/SEL is used by a Target to select an Initiator, or by an
Initiator to reselect a Target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com