Electronic Components Datasheet Search
  English  ▼

X  

IC-DC Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 4Page - IC-Haus GmbH IC-DC Datasheet HTML 5Page - IC-Haus GmbH IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 8/19
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = +4 V to +36 V, RREF = 20 kΩ ±1 %, Tj = -40°C to +125°C, reference is GND (GNDA = GND),
unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
203 Vt1()hys
Hysteresis VBR
Vt1()hys = Vt1()hi − Vt1()lo
300
600
mV
204 Vt2()hi
Overvoltage Detection at VBR
VBR increasing,
VBROK: open → lo
40.4
42
V
205 Vt2()lo
Reset Overvoltage Detection at
VBR
VBR decreasing,
VBROK: lo → open
35
37.6
V
206 Vt2()hys
Hysteresis VBR
Vt2()hys = Vt2()hi − Vt2()lo
1
2.8
4
V
210 Vs()lo
Saturation Voltage lo at VBROK
I(VBROK) = 5 mA, VBROK = lo
0.4
V
211 Isc()lo
Short-Circuit Current lo in
VBROK
V(VBROK) = 2..8 V, VBROK = lo
50
mA
212 Ilk()
Leakage Current in VBROK
V(VBROK) = 0..8 V, VBROK = hi
-10
10
µA
213 V(VBR)
Minimal Supply Voltage for
VBROK Function
I(VBROK) = 5 mA, VBROK = lo,
Vs(VBROK)lo < 0.4 V
3.3
V
Switching Regulator VH, VH1, VH2
305 V()
Voltage at VH
LVBH = 22 µH ±20 %, Ri(LVBH) < 1.1 Ω,
CVH = 1 µF;
VB ≤ 5 V, I(VH) = -50 mA,
7
7.75
8
V
VB > 5 V, I(VH) = -100 mA,
7.25
7.75
8
V
VB ≥ 12 V, I(VH) = -200 mA,
7.25
7.75
8
V
VB ≥ 24 V, I(VH) = -300 mA
7.25
7.75
8
V
307 CVH
Required Capacitor at VH
tolerance ±30 %
1
4.7
µF
308 RiVH
Permissible Internal Resistance
of Capacitor at VH
1
Ω
309 V()
Voltage at VH1
versus VCC1, CVH1 = 1 µF,
300
400
600
mV
VB ≤ 5 V, I(VH1) = -50 mA,
VB > 5 V, I(VH1) = -100 mA,
VB ≥ 12 V, I(VH1) = -200 mA,
VB ≥ 24 V, I(VH1) = -300 mA
311 CVH1
Required Capacitor at VH1
tolerance ±30 %
2.2
10
µF
312 RiCVH1
Permissible Internal Resistance
of Capacitor at VH1
1
Ω
313 V()
Voltage at VH2
versus VCC2, CVH2 = 1 µF,
300
400
600
mV
VB ≤ 5V, I(VH2) = -50 mA,
VB > 5 V, I(VH2) = -100 mA,
VB ≥ 12 V, I(VH2) = -200 mA,
VB ≥ 24 V, I(VH2) = -300 mA
315 CVH2
Required Capacitor at VH2
tolerance ±30 %
2.2
10
µF
316 RiCVH2
Permissible Internal Resistance
of Capacitor at VH2
1
Ω
330 ηVH
Efficiency of Switching Converter
VH
VB = 4 V, V(VH) > 7 V, VB = VBR,
VH1 > VCC1 + 800 mV, VH2 > VCC2 + 800 mV
70
%
331 ηVH
Efficiency of Switching Converter
VH
VB = 6.5 V, V(VH) > 7 V, VB = VBR,
VH1 > VCC1 + 800 mV, VH2 > VCC2 + 800 mV
80
%
332 ηVH1
Efficiency of Switching Converter
VH1
VB = 4 V, V(VH) > 8.1 V, VB = VBR,
ENV1 = hi, ENV2 = lo
70
%
333 ηVH1
Efficiency of Switching Converter
VH1
80
%
334 ηVH2
Efficiency of Switching Converter
VH2
VB = 4 V, V(VH) > 8.1 V, VB = VBR,
ENV1 = lo, ENV2 = hi
70
%
335 ηVH2
Efficiency of Switching Converter
VH2
VB = 6.5 V, V(VH) > 8.1 V, VB = VBR,
ENV1 = lo, ENV2 = hi
80
%
Bias, Oscillator and Reference RREF
401 V(RREF)
Voltage at RREF
resistor RREF = 20 kΩ ±1 %,
resistor RREF versus GNDA
1.16
1.24
1.32
V
402 R(RREF)
Permissible Resistor at RREF
±1 %
19.6
34
kΩ
403 Isc(RREF) Short-Circuit Current lo in RREF V(RREF) = 0 V
-3
-0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com