Electronic Components Datasheet Search
  English  ▼

X  

IC-DC Datasheet(PDF) 12 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 12 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH IC-DC Datasheet HTML 15Page - IC-Haus GmbH IC-DC Datasheet HTML 16Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 12/19
Intermittent flow / continuous flow
If the inductor is recharged in the next cycle before the
coil current has run free, there is no gap in the current.
This continuous flow occurs when the supply voltage is
low or the load current high.
If the charge and discharge processes are concluded
within one clock cycle and the coil current drops to zero
each time, intermittent flow prevails. This is the case
when the supply voltage is sufficiently high or the load
current sufficiently low.
When no more current flows through the coil, after fly-
back in intermittent operation both ends of the inductor
are switched to ground. This prevents the oscillations
in no-load operation that are typical of many converters
(RLC resonating circuit). This helps to achieve better
EMC behavior.
Startup behavior
During startup and with low supply voltages the coil’s
maximum cut-off current is reduced (soft start) until the
nominal voltage is reached at VH. Figure 3 shows the
startup behavior for VH, VCC1 (5 V), and VCC2 (3.3 V)
with the voltage monitor outputs V1OK and V2OK.
As three output voltages are generated with this switch-
ing converter topology using just one single inductor,
the sequence must allow that all three converter outputs
are respectively supplied with the required current. The
core of the converter consists of three independent con-
verters. Each converter has its own regulated cut-off
and restart current and its own voltage monitor. Dur-
ing the startup phase the VH converter ramps up until
a voltage of approximately 7 V is obtained. Here, the
cut-off current is initially limited to lower values so that
a soft start with a low startup current ripple is achieved.
When a high enough VH voltage is available, the VH1
and VH2 converters are also switched on and the volt-
ages rise to their nominal values. Once in a steady
state, the individual converters are cyclically supplied
by the inductor with precisely the amount of current that
is required at that moment. The maximum load current
can thus be drawn from each of the voltages VH, VH1,
VH2, VCC1, or VCC2.
Standby
The converters can be individually activated by pins
ENV1 and ENV2. If neither of the two inputs are trig-
gered, the device is in standby mode and the current
consumption is reduced to a minimum. As soon as one
of the two inputs becomes active, the VH voltage is also
available.
Dual 3.3V/5V BOOST/BUCK SMPS, 08.05.2008 08:51:13
V(VH)
V(VCC1)
V(VCC2)
500us
550us
600us
Time (linear) [Plot 0]
0
2V
4V
6V
8V
V(V1OK)
V(V2OK)
0
1V
2V
3V
4V
5V
I(LVBH)
0
200mA
400mA
600mA
Figure 3: Startup principle for voltages VH, VCC1, VCC2, V1OK, and V2OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com