Electronic Components Datasheet Search
  English  ▼

X  

IC-DC Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH IC-DC Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 11/19
DESCRIPTION OF FUNCTIONS
DC/DC converter iC-DC generates two regulated volt-
ages of VH1 and VH2 from voltage VBR. These pre-sta-
bilize the two linear regulators VCC1 and VCC2. A
third voltage of VH, also regulated, is generated to
drive these linear regulators. Voltage supply VB may
be either above or below the output voltages. Figure 1
shoes the basic function principle of iC-DC. Switches
S1 to S6 and diode D1 have been implemented on the
chip. The inductor, capacitors, and load resistors are
external devices.
RVH2
CVH2
RVH
RVH1
CVH
CVH1
S2
S4
S5
S6
S3
D1
VH
VH1
VH2
VHL
VBR
VBL
VB
LVBH
S1
LVBH
S1
S3
D1
S2
S4
S5
S6
CVH
CVH1
CVH2
RVH
RVH1
RVH2
Figure 1: Principle of operation of the converter
Another feature of iC-DC is that bias voltages VH1 and
VH2 adjust themselves automatically to approximately
400 mV using the selected VCC1 or VCC2 voltage. This
results in minimum power dissipation as only a low
amount of voltage is lost through each of the linear
regulators.
Charge/discharge phase
During the charge phase switches S1 and S2 close with
the internal clock. A linearly increasing current flows
through coil LVBH. The energy from supply VBR is
stored in the coil’s magnetic field.
Switches S1 and S2 open for discharging. Switch S3
and one of the switches S4/S5/S6 are closed. The cur-
rent can continue to flow in the coil and is supplied to
the relevant capacitor and relevant load. Figure 2 de-
scribes the resulting course of the current and voltage.
The current rise and fall times depend on the inductor
voltage.
Dual 3.3V/5V BOOST/BUCK SMPS, 05.05.2008 11:51:33
V(VHL)
8.887ms
8.888ms
8.889ms
8.89ms
Time (linear) [Plot 0]
0
2V
4V
6V
8V
V(VBL)
-1V
0
1V
2V
3V
4V
I(LVBH)
0
100mA
200mA
300mA
400mA
Figure 2: Converter current/voltage characteristics (VB = 4 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com