Electronic Components Datasheet Search
  English  ▼

X  

IC-DC Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 5Page - IC-Haus GmbH IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 9/19
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = +4 V to +36 V, RREF = 20 kΩ ±1 %, Tj = -40°C to +125°C, reference is GND (GNDA = GND),
unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
404 fos
Oscillator Frequency
resistor RREF = 20 kΩ ±1 %,
resistor RREF versus GNDA
1.8
7
MHz
Linear Regulator VCC1
501 VCC1nom,hi Output Voltage
CFG1 = VCC1;
4.75
5
5.25
V
VB < 5 V, I(VCC1) = -60...10 mA,
VB ≥ 5 V, I(VCC1) = -100...10 mA,
VB ≥ 6.5 V, I(VCC1) = -150...10 mA,
VB ≥ 12 V, I(VCC1) = -200..10 mA,
VB ≥ 24 V, I(VCC1) = -250...10 mA
502 VCC1nom,lo Output Voltage
CFG1 = GNDA;
3.135
3.3
3.465
V
VB < 5 V, I(VCC1) = -100...10 mA,
VB ≥ 5 V, I(VCC1) = -150...10 mA,
VB ≥ 6.5 V, I(VCC1) = -200...10 mA,
VB ≥ 16 V, I(VCC1) = -300...10 mA,
VB ≥ 24 V, I(VCC1) = -350...10 mA,
503 Vr(CFG1)
Transmission Ratio of external
Voltage Divider R(VCC1/CFG1) /
R(CFG1/GNDA)
V(VCC1) =
(1 + R(VCC1/CFG1) / R(CFG1/GNDA)) *
V(RREF),
R(VCC1/CFG1) + R(CFG1/GNDA) =
10 kΩ...50 kΩ ±1 %, V(VCC1) = 1.5...5.5 V
0.2
3.5
504 CVCC1
Required Capacitor at VCC1
versus GNDA
tolerance ±30 %
1
4.7
µF
505 RiCVCC1
Permissible Internal Resistance
of Capacitor at VCC1
1
Ω
506 VCC1,lir
Line Regulation
I(VCC1) = -100 mA, VB = 8...30 V
-20
20
mV
507 VCC1,lor
Load Regulation
VB = 24 V, I(VCC1) = 0...200 mA
-20
20
mV
508 VCC1rip
Output Ripple
I(VCC1) = -100mA
10
mVpp
Linear Regulator VCC2
601 VCC2nom,hi Output Voltage
CFG2 = VCC2;
3.135
3.3
3.465
V
VB < 5 V, I(VCC2) = -100...10 mA,
VB ≥ 5 V, I(VCC2) = -150...10 mA,
VB ≥ 6.5 V, I(VCC2) = -200...10 mA,
VB ≥ 16 V, I(VCC2) = -300...10 mA,
VB ≥ 24 V, I(VCC2) = -350...10 mA
602 VCC2nom,lo Output Voltage
CFG2 = GNDA;
2.375
2.5
2.625
V
VB < 5 V, I(VCC2) = -150...10 mA,
VB ≥ 5 V, I(VCC2) = -200...10 mA,
VB ≥ 6.5 V, I(VCC2) = -250...10 mA,
VB ≥ 12 V, I(VCC2) = -300...10 mA,
VB ≥ 24 V, I(VCC2) = -350...10 mA
603 Vr(VCC2)
Transmission Ratio of external
Voltage Divider R(VCC2/CFG2) /
R(CFG2/GNDA)
V(VCC2) =
(1 + R(VCC2/CFG2) / R(CFG2/GNDA)) *
V(RREF),
R(VCC2/CFG2) + R(CFG2/GNDA) =
10 kΩ...50 kΩ ±1 %, V(VCC2) = 1.5...5.5 V
0.2
3.5
604 CVCC2
Required Capacitor at VCC2
versus GNDA
tolerance ±30 %
1
4.7
µF
605 RiCVCC2
Permissible Internal Resistance
of Capacitor at VCC2
1
Ω
606 VCC2,lir
Line Regulation
I(VCC2) = -100 mA, VB = 8...30 V
-20
20
mV
607 VCC2,lor
Load Regulation
VB = 24 V, I(VCC2) = 0...200 mA
-20
20
mV
608 VCC2rip
Output Ripple
I(VCC2) = -100mA
10
mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com