Electronic Components Datasheet Search
  English  ▼

X  

IC-LSHB Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH IC-LSHB Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev D1, Page 6/9
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.1..5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VCC
Permissible Supply Voltage
4.1
5.5
V
002 I(VCC)
Supply Current in VCC
no output load, photocurrents within linear
operating range (no override)
6.5
12
mA
003 Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
004 Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101 λar
Spectral Application Range
Se(λar) = 0.25 x S(λpk)
400
950
nm
102 λpk
Peak Sensitivity Wavelength
680
nm
103 Aph()
Radiant Sensitive Area of DPSIN,
DPCOS, DNSIN, DNCOS
0.8 mm x 0.33 mm
0.264
mm2
104 Aph()
Radiant Sensitive Area of DPZ,
DNZ
1.72 mm x 0.15 mm
0.258
mm2
105 S(λr)
Spectral Sensitivity
λLED = 460 nm
0.3
A/W
λLED = 740 nm
0.45
A/W
λLED = 850 nm
0.3
A/W
107 E()mx
Irradiance For Maximum Signal
Level
λLED = 740 nm, Vout() not yet saturated
1.7
mW/
cm2
Photocurrent Amplifiers
201 Iph()
Permissible Photocurrent
Operating Range
0
1120
nA
202 η()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λLED = 740 nm
0.2
0.3
0.5
V/µW
203 Z()
Equivalent Transimpedance Gain Z = Vout() / Iph()
0.7
1.0
1.4
MΩ
204 TCz
Temperature Coefficient of
Transimpedance Gain
-0.12
%/°C
209 ∆Z()pn
Transimpedance Gain Matching
Of Paired Amplifiers
P.. channel vs. corresponding N.. channel
-0.2
0.2
%
210 ∆Vout()pn Signal Matching
no illumination, any output vs. any output
-35
35
mV
211 ∆Vout()pn Signal Matching
no illumination, P.. output vs. corresponding N..
output
-2.5
2.5
mV
212 fc()hi
Cut-off Frequency (-3 dB)
400
kHz
213 VNoise()
RMS Output Noise
illuminated to 500 mV signal level above dark
level, 500 kHz band width
0.5
mV
Signal Outputs PSIN, NSIN, PCOS, NCOS, PZ
301 Vout()mx
Permissible Maximum Output
Voltage
illumination to E()mxr, linear gain;
VCC = 4.5...5.5 V
2.4
V
VCC = 4.1 V
2.0
V
302 Iout()mx
Permissible Max. Load Current
-100
250
µA
303 Vout()d
Dark Signal Level
no illumination, load 20 kΩ vs. +2 V
575
770
1000
mV
305 Isc()hi
Short-circuit Current hi
load current to ground
100
420
1000
µA
306 Isc()lo
Short-circuit Current lo
load current to IC
250
480
700
µA
307 Ri()
Internal Output Resistance
f = 1 kHz
70
110
180
Ω
308 ton()
Power-On Settling Time
VCC = 0 V → 5 V
100
µs
Reference Voltage NZ
401 VREF
Reference Voltage
I(VREF) = -100...+300 µA
575
770
1000
mV
402 dVout()
Load Balancing
I(VREF) = -100...+300 µA
-10
+10
mV
403 Isc()hi
Short-circuit Current hi
load current to ground
200
420
1400
µA
404 Isc()lo
Short-circuit Current lo
load current to IC
0.4
4.5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com