Electronic Components Datasheet Search
  English  ▼

X  

IC-LSHB Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH IC-LSHB Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev D1, Page 4/9
PACKAGE DIMENSIONS oQFN32-5x5
5
1.90
TOP
SIDE
3.60
0.50
0.23
BOTTOM
3.60
0.50
0.30
4.90
R0.15
RECOMMENDED PCB-FOOTPRINT
drb_lshb-oqfn32-2_pack_1, 10:1
All dimensions given in mm. Tolerances of form and position according to JEDEC MO-220.
Positional tolerance of sensor pattern: ±70μm / ±1° (with respect to backside pad).
G4: radius of chip center (refer to the relevant encoder disc and code description).
Maximum molding excess +20μm / -75μm versus surface of glass/reticle.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com