Electronic Components Datasheet Search
  English  ▼

X  

IC-LSHB Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH IC-LSHB Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev D1, Page 1/9
FEATURES
•
Monolithic array of independent photosensors with excellent
matching
•
Compact photosensor size of 800 µm x 330 µm enabling
smaller encoder systems
•
Moderate track pitch for reasonable alignment tolerances
•
Ultra low dark currents for operation to high temperature
•
Low noise amplifiers with high transimpedance of typ. 1 MΩ
•
Short-circuit-proof, low impedance voltage outputs for
enhanced EMI tolerance
•
Space saving optoBGA and optoQFN package (RoHS
compliant)
•
Low power consumption from single 4.1 V to 5.5 V supply
•
Operational temperature range of -40 °C to +125 °C
•
Available options
- reticle assembly, code discs
- customized COB modules
APPLICATIONS
•
Incremental rotary encoders
•
Linear scales
PACKAGES
32-pin optoQFN
5 mm x 5 mm x 0.9 mm
RoHS compliant
15-pin optoBGA
6.2 mm x 5.2 mm
RoHS compliant
BLOCK DIAGRAM
iC-LSHB
-
+
+
-
-
+
+
-
-
+
+
-
+
-
REFERENCE
VOLTAGE
NCOS
PCOS
PSIN
NSIN
DNCOS
DNCOS
DPCOS
DPCOS
GND
VCC
DPSIN
DNSIN
DPSIN
DNSIN
PZ
NZ
DNZ
DNZ
DPZ
DPZ
+
+
+
+
+
+
+
-
-
-
-
-
-
-
+
-
-
GND
DPZ
VCC
NZ
DNSIN
PCOS
-
DNZ
+
PSIN
DPCOS
+
-
+
PZ
+
DNCOS
-
-
NSIN
+
+
NCOS
-
DPSIN
Copyright © 2008, 2017 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LSHB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHB ICHAUS-IC-LSHB Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHBCHIP ICHAUS-IC-LSHBCHIP Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHBOBGALSH2C ICHAUS-IC-LSHBOBGALSH2C Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHBOBGALSH2C-2R ICHAUS-IC-LSHBOBGALSH2C-2R Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHBOBGALSH2C-4R ICHAUS-IC-LSHBOBGALSH2C-4R Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSHB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
logo
IC-Haus GmbH
IC-LSB ICHAUS-IC-LSB Datasheet
286Kb / 7P
8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC Datasheet
368Kb / 7P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com