Electronic Components Datasheet Search
  English  ▼

X  

IC-LSHB Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH IC-LSHB Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev D1, Page 7/9
APPLICATION HINTS
NZ
ERR
Protection
iC-LSHB
SIGNAL
LEVEL
CONTROL
Reverse
iC-MQ
Disc
Polarity
SDA
GNDS
VDD
PA
NA
PB
NB
PZ
SCL
VDDS
GND
X2
X4
X3
X6
X5
PCOS
NCOS
NSIN
PZ
NZ
GND
VCC
X1
ACO
PSIN
5.6V
D1
100nF
C1
PCOS
NZ
NCOS
PSIN
NSIN
+
-
TVS-Diode-Array
100nF
C3
C2
100nF
C4
1μF
R2
2.2k
PZ
DLED
1k
R3
2.2k
R1
+
-
RLED
47
+
-
F1
DLED
100nF
C5
VN
VP
SDA
SCL
0V
+5V
NA
PA
NB
PB
NZ
PZ
ERR
I2C
24xx
C1
100nF
D1
5.6V
NCOS
PSIN
NSIN
PCOS
NZ
R1
2.2k
2.2k
R2
PZ
1μF
C4
100nF
C2
C3
100nF
TVS-Diode-Array
C5
100nF
F1
DLED
47
RLED
DLED
R3
1k
Figure 1: Example of incremental encoder with RS422 output
NC
PZ
NZ
SIGNAL
LEVEL
CONTROL
iC-LSHB
Protection
Reverse
iC-MSB
Disc
Polarity
X2
SDA
GNDS
VDD
PS
NS
PC
ERR
X1
NZ
PZ
ACO
SCL
VDDS
GND
VCC
PSIN
PCOS
NCOS
NSIN
X6
X5
X4
X3
PZ
GND
RLED
47
PSIN
C2
100nF
2.2k
R1
+
-
+
-
DLED
100nF
C3
100nF
C3
NZ
NSIN
PCOS
F1
D1
5.6V
NCOS
DLED
TVS-Diode-Array
+
-
1k
R3
100nF
C1
R2
2.2k
C4
1μF
24xx
I2C
0V
PS
NS
PC
NC
PZ
NZ
ERR
SCL
SDA
VP
VN
+5V
R1
2.2k
PSIN
100nF
C2
47
RLED
PZ
NSIN
PCOS
F1
5.6V
D1
C3
100nF
NZ
C3
100nF
DLED
TVS-Diode-Array
DLED
NCOS
1μF
C4
C1
100nF
2.2k
R2
R3
1k
Figure 2: Example of sine encoder with 1 Vpp output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com