Electronic Components Datasheet Search
  English  ▼

X  

IC-LSHB Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-LSHB
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHB Datasheet(HTML) 9 Page - IC-Haus GmbH

  IC-LSHB Datasheet HTML 1Page - IC-Haus GmbH IC-LSHB Datasheet HTML 2Page - IC-Haus GmbH IC-LSHB Datasheet HTML 3Page - IC-Haus GmbH IC-LSHB Datasheet HTML 4Page - IC-Haus GmbH IC-LSHB Datasheet HTML 5Page - IC-Haus GmbH IC-LSHB Datasheet HTML 6Page - IC-Haus GmbH IC-LSHB Datasheet HTML 7Page - IC-Haus GmbH IC-LSHB Datasheet HTML 8Page - IC-Haus GmbH IC-LSHB Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev D1, Page 9/9
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-LSHB
15-pin optoBGA,
6.2 mm x 5.2 mm,
thickness 1.7 mm
RoHS compliant
glass lid
iC-LSHB OBGA LSH2C
reticle LSHB2R 42-1024
iC-LSHB OBGA LSH2C-2R
reticle LSHB4R 42-4096
iC-LSHB OBGA LSH2C-4R
reticle LSHB5R 26-3600
iC-LSHB OBGA LSH2C-5R
custom reticle
iC-LSHB OBGA LSH2C-xxR
iC-LSHB
32-pin optoQFN,
5 mm x 5 mm,
thickness 0.9 mm
RoHS compliant
glass lid
iC-LSHB oQFN32-5x5
reticle LSHB2R 42-1024
iC-LSHB oQFN32-5x5-2R
custom reticle
iC-LSHB oQFN32-5x5-xxR
Code Discs
1024 CPR
OD ∅ 42 mm, ID ∅ 18 mm
(glass 1 mm)
LSHB2S 42-1024
4096 CPR
OD ∅ 42 mm, ID ∅ 18 mm
(glass 1 mm)
LSHB4S 42-4096
3600 CPR
OD ∅ 26 mm, ID∅ 14 mm
(glass 1 mm)
LSHB5S 26-3600
Please send your purchase orders to our order handling team:
Fax: +49 (0) 61 35 - 92 92 - 692
E-Mail: dispo@ichaus.com
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com