Electronic Components Datasheet Search
  English  ▼

X  

EC3217 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC3217
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC3217 Datasheet HTML 1Page - E-CMOS Corporation EC3217 Datasheet HTML 2Page - E-CMOS Corporation EC3217 Datasheet HTML 3Page - E-CMOS Corporation EC3217 Datasheet HTML 4Page - E-CMOS Corporation EC3217 Datasheet HTML 5Page - E-CMOS Corporation EC3217 Datasheet HTML 6Page - E-CMOS Corporation EC3217 Datasheet HTML 7Page - E-CMOS Corporation EC3217 Datasheet HTML 8Page - E-CMOS Corporation EC3217 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 5 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
ELECTRICAL CHARACTERISTICS
(VIN=3.6V,TA=25°C, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Feedback current
INFB
---
---
30
nA
Regulator Feedback Voltage
VFB
TA=25℃
0.5880
0.6000
0.6120
V
0℃≦TA≦85℃
0.5865
0.6000
0.6135
V
-40℃≦TA≦85℃
0.5850
0.6000
0.6150
V
Reference Voltage Line Regulator
VFB
VIN=2.5V to 5.5V
---
0.04
0.4
%/V
Peak Inductor Current
IPK
VIN=3V,VFB=0.5V or
Vout=90%,Duty Cycles
<35%
2.4
2.5
2.6
A
Output Voltage Load Regulator
VLOADREG
------
---
0.5
---
%
Input Voltage Range
VIN
2.5
5.5
V
Input DC Bias Current
Active Mode
IS
VFB=0.5V or Vout=90%,
ILoad=0A
---
300
400
uA
Sleep Mode
VFB=0.62V or Vout=103%,
ILOAD=0A
---
30
---
uA
Shut down
VRUN=0V,VIN=4.2V
---
0.1
1
uA
Oscillator Frequency
fOSC
VFB=0.6V or Vout=100%
1.2
1.5
1.8
MHz
VFB=0V or Vout=0V
---
400
---
KHz
RDS(ON) of P-Channel FET
RPFET
ISW=100mA
---
0.11
0.13
Ω
RDS(ON) of N-Channel FET
RNFET
ISW=-100mA
---
0.12
0.15
Ω
SW Leakage
ILSW
VRUN=0V,VSW=0V or 5V,
VIN=5V
---
0.01
1
uA
RUN Threshold
VRUN
0.3
1
1.5
V
RUN Leakage Current
IRUN
0.01
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com