Electronic Components Datasheet Search
  English  ▼

X  

EC3217 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3217
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3217 Datasheet HTML 1Page - E-CMOS Corporation EC3217 Datasheet HTML 2Page - E-CMOS Corporation EC3217 Datasheet HTML 3Page - E-CMOS Corporation EC3217 Datasheet HTML 4Page - E-CMOS Corporation EC3217 Datasheet HTML 5Page - E-CMOS Corporation EC3217 Datasheet HTML 6Page - E-CMOS Corporation EC3217 Datasheet HTML 7Page - E-CMOS Corporation EC3217 Datasheet HTML 8Page - E-CMOS Corporation EC3217 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 1 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
GENERAL DESCRIPTION
The EC3217 is a high efficiency monolithic synchronous
buck regulator using a constant frequency, current mode
architecture. The device is available in an adjustable
version . Supply current during operation is only 20mA
and drops to ≤1mA in shutdown. The 2.5V to 5.5V
input voltage range makes the EC3217 ideally suited for
single Li-Ion battery-powered applications. 100% duty
cycle provides low dropout operation, extending battery
life in portable systems. Automatic Burst Mode operation
increases efficiency at light loads, further extending
battery life. Switching frequency is internally set at
1.5MHz, allowing the use of small surface mount
inductors and capacitors. The internal synchronous
switch increases efficiency and eliminates the need for
an external Schottky diode. Low output voltages are
easily supported with the 0.6V feedback reference
voltage. The EC3217 is available in TSOT23-5
package.
FEATURES
● High Efficiency: Up to 96%
● High Efficiency at light loads
● Very Low Quiescent Current: typ. 30uA During
Operation
● 2A Output Current
● 2.5V to 5.5V Input Voltage Range
● 1.5MHz Constant Frequency Operation
● No Schottky Diode Required
● Low Dropout Operation: 100% Duty Cycle
● 0.6V Reference Allows Low Output Voltages
● Shutdown Mode Draws ≤1uA Supply Current
● Current Mode Operation for Excellent Line and Load
Transient Response
● Over temperature Protected
● TSOT23-5 Package is Available
Applications
● Cellular Telephones
● Personal Information Appliances
● Wireless and DSL Modems
● Digital Still Cameras
●MP3 Players
● Portable Instruments
Package Types
TSOT23-5
Figure 1. Package Types of EC3217


Similar Part No. - EC3217

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC321-CR4866 DFI-EC321-CR4866 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CR4G65 DFI-EC321-CR4G65 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CR6881 DFI-EC321-CR6881 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CR6G60 DFI-EC321-CR6G60 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CRA060 DFI-EC321-CRA060 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC3217

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6817 TECHCODE-TD6817 Datasheet
1Mb / 17P
1.5MHz 2A Synchronous Step-Down Regulator Dropout
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com