Electronic Components Datasheet Search
  English  ▼

X  

EC3217 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3217
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3217 Datasheet HTML 1Page - E-CMOS Corporation EC3217 Datasheet HTML 2Page - E-CMOS Corporation EC3217 Datasheet HTML 3Page - E-CMOS Corporation EC3217 Datasheet HTML 4Page - E-CMOS Corporation EC3217 Datasheet HTML 5Page - E-CMOS Corporation EC3217 Datasheet HTML 6Page - E-CMOS Corporation EC3217 Datasheet HTML 7Page - E-CMOS Corporation EC3217 Datasheet HTML 8Page - E-CMOS Corporation EC3217 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 4 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
Type Application Circuit
Figure 3. Type Application Circuit of EC3217
Absolute Maximum Ratings
Parameter
Value
Unit
Input Supply Voltage
-0.3 ~6
V
RUN, VFB Voltages
-0.3 ~ VIN
V
SW Voltage
-0.3V ~(VIN+0.3)
V
P-Channel Switch Source Current (DC)
1500
mA
N-Channel Switch Sink Current (DC)
1500
mA
Peak SW Sink and Source Current
2.5
A
Operating Temperature Range
-40~+85
ºC
Junction Temperature
125
ºC
Lead Temperature (Soldering, 10 sec)
260
ºC
Storage Temperature Range
-65~150
ºC
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operation is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com