Electronic Components Datasheet Search
  English  ▼

X  

EC3217 Datasheet(PDF) 14 Page - E-CMOS Corporation

Part # EC3217
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217 Datasheet(HTML) 14 Page - E-CMOS Corporation

Back Button EC3217 Datasheet HTML 8Page - E-CMOS Corporation EC3217 Datasheet HTML 9Page - E-CMOS Corporation EC3217 Datasheet HTML 10Page - E-CMOS Corporation EC3217 Datasheet HTML 11Page - E-CMOS Corporation EC3217 Datasheet HTML 12Page - E-CMOS Corporation EC3217 Datasheet HTML 13Page - E-CMOS Corporation EC3217 Datasheet HTML 14Page - E-CMOS Corporation EC3217 Datasheet HTML 15Page - E-CMOS Corporation EC3217 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 14 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
Function Description(Cont.)
Figure 6:Power Lost VS Load Current
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical
characteristics and the internal main switch and
synchronous switch gate charge currents. The gate
charge current results from switching the gate
capacitance of the internal power MOSFET switches.
Each time the gate is switched from high to low to high
again, a packet of charge, dQ, moves from VIN to
ground. The resulting dQ/dt is the current out of VIN that
is typically larger than
the DC bias current. In continuous mode, IGATECHG
=f(QT + QB) where QT and QB are the gate charges of
the internal top and bottom switches. Both the DC bias
and gate charge losses are proportional to VIN and
thus their effects will be more pronounced at higher
supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through indu
ctor L is “chopped” between the main switch
and the synchronous switch. Thus, the series resistance
looking into the SW pin is a function of both top and
bottom MOSFET RDS(ON) and the duty cycle (DC) as
follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1
– DC)
The RDS(ON) for both the top and bottom MOSFETs
can be obtained from the Typical Performance
Characteristics curves. Thus, to obtain I2R losses,
simply add RSW to RL and multiply the result by the
square of the average output current. Other losses
including CIN and COUT ESR dissipative losses and
inductor core
losses generally account for less than 2% total additional
loss.
Thermal Considerations
In most applications the EC3217 does not dissipate
much heat due to its high efficiency. But, in applications
where the EC3217 is running at high ambient
temperature with low supply voltage and high duty
cycles, such as in dropout, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 150°C,
both power switches will be turned off and the SW node
will become high impedance.
To avoid the EC3217 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The
temperature rise is given by:
TR = (PD)(qJA)
where PD is the power dissipated by the regulator and
qJA is the thermal resistance from the junction of the die
to the ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com