Electronic Components Datasheet Search
  English  ▼

X  

EC3217 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3217
Description  1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3217 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3217 Datasheet HTML 1Page - E-CMOS Corporation EC3217 Datasheet HTML 2Page - E-CMOS Corporation EC3217 Datasheet HTML 3Page - E-CMOS Corporation EC3217 Datasheet HTML 4Page - E-CMOS Corporation EC3217 Datasheet HTML 5Page - E-CMOS Corporation EC3217 Datasheet HTML 6Page - E-CMOS Corporation EC3217 Datasheet HTML 7Page - E-CMOS Corporation EC3217 Datasheet HTML 8Page - E-CMOS Corporation EC3217 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EC3217
1.5MHz, 2A, Synchronous
Step-Down Regulator Dropout
Page 2 of 16
5F05N-Rev.F005
E-CMOS Corp. (www.ecmos.com.tw)
Pin
Name
Description
1
RUN
Run Control Input. Forcing this pin
above 1.5V enables the part.
Forcing this pin below 0.3V shuts
down the device. In shutdown, all
functions are disabled drawing
<1
μA supply current. Do not leave
RUN floating.
2
GND
Ground Pin.
3
SW
Switch Node Connection to
Inductor. This pin connects to the
drains of the internal main and
synchronous power MOSFET
switches.
4
VIN
Main Supply Pin. Must be closely
decoupled to GND, Pin 2, with a
2.2
μF or greater ceramic capacitor.
5
VFB
Feedback Pin. Receives the
feedback voltage from an external
resistive divider across the output.
5
VOUT
Output Voltage Feedback Pin. An
internal resistive divider divides the
output voltage down for comparison
to the internal reference voltage.
Pin Assignments
TSOT23‐5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com