Electronic Components Datasheet Search
  English  ▼

X  

TMUX136 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX136 Datasheet HTML 2Page - Texas Instruments TMUX136 Datasheet HTML 3Page - Texas Instruments TMUX136 Datasheet HTML 4Page - Texas Instruments TMUX136 Datasheet HTML 5Page - Texas Instruments TMUX136 Datasheet HTML 6Page - Texas Instruments TMUX136 Datasheet HTML 7Page - Texas Instruments TMUX136 Datasheet HTML 8Page - Texas Instruments TMUX136 Datasheet HTML 9Page - Texas Instruments TMUX136 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
TMUX136
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TMUX136
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Dynamic Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CON
PORT B ON capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V,
f = 240 MHz
Switch ON
1.6
2
pF
PORT A ON capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V,
f = 240 MHz
Switch ON
1.4
2
pF
COFF
PORT B OFF capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V
f = 240 MHz
Switch OFF
1.4
2
pF
PORT A OFF capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V
f = 240 MHz
Switch OFF
1.6
2
pF
CI
Digital input capacitance
VCC = 3.3 V, VI = 0 or 2 V
2.2
pF
OISO
OFF Isolation
VCC = 2.3 V to 4.8 V, RL = 50 Ω,
f = 240 MHz
Switch OFF
–34
dB
XTALK
Crosstalk
VCC = 2.3 V to 4.8 V, RL = 50 Ω,
f = 240 MHz
Switch ON
–37
dB
BW
–3-dB bandwidth
VCC = 2.3 V to 4.8 V, RL = 50 Ω,
Switch ON
6.1
GHz
SUPPLY
VCC
Power supply voltage
2.3
4.8
V
ICC
Positive supply current
VCC = 4.8 V, VIN = VCC or GND, VI/O = 0 V,
Switch ON or OFF
30
50
µA
Icc, HZ
Power supply current in high-Z
mode
VCC = 4.8 V, VIN = VCC or GND, VI/O = 0 V,
Switch ON or OFF, OE = H
5
10
µA
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
tpd
Propagation delay
RL = 50 Ω,
CL = 5 pF,
VCC = 2.3 V to 4.8 V
100
ps
tswitch
Switching time (SEL to output)
600
ns
tZH, ZL
enable time (EN to output)
VI/O = 3.3 V or 0 V
100
µs
tHZ, LZ
disable time (EN to output)
200
ns
tSK(P)
Skew of opposite transitions of same output
20
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com