Electronic Components Datasheet Search
  English  ▼

X  

TMUX136 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX136 Datasheet HTML 7Page - Texas Instruments TMUX136 Datasheet HTML 8Page - Texas Instruments TMUX136 Datasheet HTML 9Page - Texas Instruments TMUX136 Datasheet HTML 10Page - Texas Instruments TMUX136 Datasheet HTML 11Page - Texas Instruments TMUX136 Datasheet HTML 12Page - Texas Instruments TMUX136 Datasheet HTML 13Page - Texas Instruments TMUX136 Datasheet HTML 14Page - Texas Instruments TMUX136 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2-channel
SPDT
V
CC
SEL
OE
COM1
COM2
GND
System
Controller
Port A
Port B
0.1 F
3.3 V
High Speed
Port
Switch
Control Logic
B1
B2
A1
A2
11
TMUX136
www.ti.com
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
Product Folder Links: TMUX136
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.2 Typical Application
There are many applications in which microprocessors or controllers have a limited number of I/Os. The
TMUX136 solution can effectively expand the limited I/Os by switching between multiple buses in order to
interface them to a single microprocessor or controller.
Figure 9. Typical Application
9.2.1 Design Requirements
The TMUX136 has internal 6-M
Ω pulldown resistors on SEL and EN, so no external resistors are required on the
logic pins. The internal pulldown resistor on SEL ensures PORT A channel is selected by default. The internal
pulldown resistor on EN enables the switch when power is applied to VCC.
9.2.1.1 Detailed Design Procedure
The TMUX136 can be properly operated without any external components. However, TI recommends that
unused pins must be connected to ground through a 50-Ω resistor to prevent signal reflections back into the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com