Electronic Components Datasheet Search
  English  ▼

X  

TMUX136 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX136 Datasheet HTML 10Page - Texas Instruments TMUX136 Datasheet HTML 11Page - Texas Instruments TMUX136 Datasheet HTML 12Page - Texas Instruments TMUX136 Datasheet HTML 13Page - Texas Instruments TMUX136 Datasheet HTML 14Page - Texas Instruments TMUX136 Datasheet HTML 15Page - Texas Instruments TMUX136 Datasheet HTML 16Page - Texas Instruments TMUX136 Datasheet HTML 17Page - Texas Instruments TMUX136 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
With Switch
14
TMUX136
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TMUX136
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
Figure 22. Eye Pattern: 4.5 Gbps with No Device
Figure 23. Time Interval Error Histogram: 4.5 Gbps with No
Device
The TMUX136 contributes only 7.6 ps of peak-to-peak jitter for
4.5-Gbps data rate
Figure 24. Eye Pattern: 4.5 Gbps with Switch
The TMUX136 contributes only 7.6 ps of peak-to-peak jitter for
4.5-Gbps data rate
Figure 25. Time Interval Error Histogram: 4.5 Gbps with
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com