Electronic Components Datasheet Search
  English  ▼

X  

TMUX136 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX136 Datasheet HTML 6Page - Texas Instruments TMUX136 Datasheet HTML 7Page - Texas Instruments TMUX136 Datasheet HTML 8Page - Texas Instruments TMUX136 Datasheet HTML 9Page - Texas Instruments TMUX136 Datasheet HTML 10Page - Texas Instruments TMUX136 Datasheet HTML 11Page - Texas Instruments TMUX136 Datasheet HTML 12Page - Texas Instruments TMUX136 Datasheet HTML 13Page - Texas Instruments TMUX136 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Charge
Pump
Note A: EN is the internal enable signal applied to the switch.
A
EN (see Note A)
B
V
CC
10
TMUX136
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TMUX136
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMUX136 device is a 2-channel, 2:1, switch specifically designed for the switching of high-speed signals in
handset and consumer applications, such as cell phones, tablets, and notebooks but may be used for any high
speed application. The wide bandwidth (6.1 GHz) of this switch allows signals to pass with minimum edge and
phase distortion. The switch is bidirectional and offers little or no attenuation of the high-speed signals at the
outputs and will support both signle-ended and differential signals. The device also has a low power mode that
reduces the power consumption to 5 μA for portable applications with a battery or limited power budget.
The TMUX136 device integrates ESD protection cells on all pins, is available in a tiny UQFN package
(1.5 mm × 2 mm) and is characterized over the free-air temperature range from –40°C to +85°C.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Low Power Mode
The TMUX136 has a low power mode that reduces the power consumption to 5 μA while the device is not in use.
To put the device in low power mode and disable the switch, the bus-switch enable pin EN must be supplied with
a logic High signal.
8.4 Device Functional Modes
8.4.1 High Impedance Mode
The TMUX136 has a high impedance mode that places all the signal paths in a Hi-Z state while the device is not
in use. To put the device in high impedance mode and disable the switch, the bus-switch enable pin EN must be
supplied with a logic High signal as shown in Table 1.
Table 1. Function Table
SEL
EN
SWITCH STATUS
X
High
Both A PORT and B PORT switches in High-Z
Low
Low
COM to A PORT
High
Low
COM to B PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com