Electronic Components Datasheet Search
  English  ▼

X  

LTC3830ES Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3830ES
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830ES Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3830ES Datasheet HTML 4Page - Linear Technology LTC3830ES Datasheet HTML 5Page - Linear Technology LTC3830ES Datasheet HTML 6Page - Linear Technology LTC3830ES Datasheet HTML 7Page - Linear Technology LTC3830ES Datasheet HTML 8Page - Linear Technology LTC3830ES Datasheet HTML 9Page - Linear Technology LTC3830ES Datasheet HTML 10Page - Linear Technology LTC3830ES Datasheet HTML 11Page - Linear Technology LTC3830ES Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC3830/LTC3830-1
sn3830 3830fs
TEST CIRCUITS
FB
SS
FREQSET
COMP
IMAX
NC
NC
NC
NC
G1
G2
SHDN
VCC
VSHDN VCC
PVCC2 PVCC1
PVCC
IFB
6800pF
6800pF
3830 F02
GND
PGND
SENSE–
LTC3830
SENSE+
COMP
FB
VCOMP
VFB
G1
G2
IFB
VCC
PVCC1
5V
PVCC2
6800pF
0.1
µF
10
µF
6800pF
G1 RISE/FALL
G2 RISE/FALL
3830 F03
IMAX
GND
PGND
LTC3830
+
Figure 2
Figure 3
APPLICATIO S I FOR ATIO
OVERVIEW
The LTC3830 is a voltage mode feedback, synchronous
switching regulator controller (see Block Diagram) de-
signed for use in high power, low voltage step-down
(buck) converters. It includes an onboard PWM generator,
a precision reference trimmed to
±0.8%, two high power
MOSFET gate drivers and all necessary feedback and
control circuitry to form a complete switching regulator
circuit. The PWM loop nominally runs at 200kHz.
The 16-lead versions of the LTC3830 include a current
limit sensing circuit that uses the topside external N-channel
power MOSFET as a current sensing element, eliminating
the need for an external sense resistor.
Also included in the 16-lead version and the LTC3830-1
is an internal soft-start feature that requires only a single
external capacitor to operate. In addition, 16-lead parts
feature an adjustable oscillator that can free run or
synchronize to external signal with frequencies from
100kHz to 500kHz, allowing added flexibility in external
component selection. The 8-lead version does not in-
clude current limit, internal soft-start and frequency
adjustability. The LTC3830-1 does not include current
limit, frequency adjustability, external synchronization
and the shutdown function.
THEORY OF OPERATION
Primary Feedback Loop
The LTC3830/LTC3830-1 sense the output voltage of the
circuit at the output capacitor and feeds this voltage back
to the internal transconductance error amplifier, ERR,
through a resistor divider network. The error amplifier
compares the resistor-divided output voltage to the inter-
nal 1.265V reference and outputs an error signal to the
PWM comparator. This error signal is compared with a
fixed frequency ramp waveform, from the internal oscil-
lator, to generate a pulse width modulated signal. This
PWM signal drives the external MOSFETs through the G1
and G2 pins. The resulting chopped waveform is filtered by
LO and COUT which closes the loop. Loop compensation is
achieved with an external compensation network at the
COMP pin, the output node of the error amplifier.
MIN, MAX Feedback Loops
Two additional comparators in the feedback loop provide
high speed output voltage correction in situations where
the error amplifier may not respond quickly enough. MIN
compares the feedback signal to a voltage 40mV below the
internal reference. If the signal is below the comparator
threshold, the MIN comparator overrides the error ampli-
fier and forces the loop to maximum duty cycle, >91%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com