Electronic Components Datasheet Search
  English  ▼

X  

LTC3830ES Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3830ES
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830ES Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3830ES Datasheet HTML 14Page - Linear Technology LTC3830ES Datasheet HTML 15Page - Linear Technology LTC3830ES Datasheet HTML 16Page - Linear Technology LTC3830ES Datasheet HTML 17Page - Linear Technology LTC3830ES Datasheet HTML 18Page - Linear Technology LTC3830ES Datasheet HTML 19Page - Linear Technology LTC3830ES Datasheet HTML 20Page - Linear Technology LTC3830ES Datasheet HTML 21Page - Linear Technology LTC3830ES Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC3830/LTC3830-1
sn3830 3830fs
Table 3 shows the suggested compensation component
values for 5V to 3.3V applications based on 470
µF Sanyo
POSCAP 4TPB470M output capacitors.
Table 3. Recommended Compensation Network for 5V to 3.3V
Applications Using Multiple Paralleled 470
µF Sanyo POSCAP
4TPB470M Output Capacitors
L1 (
µH)
COUT (µF)
RC (kΩ)CC (nF)
C1 (pF)
1.2
1410
6.8
4.7
33
1.2
2820
15
2.2
33
1.2
4700
22
2.2
33
2.4
1410
18
10
33
2.4
2820
43
2.2
33
2.4
4700
62
2.2
10
4.7
1410
43
10
10
4.7
2820
91
33
10
4.7
4700
150
10
10
Table 4 shows the suggested compensation component
values for 5V to 3.3V applications based on 1500
µF Sanyo
MV-WX output capacitors.
Table 4. Recommended Compensation Network for 5V to 3.3V
Applications Using Multiple Paralleled 1500
µF Sanyo MV-WX
Output Capacitors
L1 (
µH)
COUT (µF)
RC (kΩ)CC (nF)
C1 (pF)
1.2
4500
22
1.5
120
1.2
6000
30
1
82
1.2
9000
39
0.47
56
2.4
4500
51
1
56
2.4
6000
62
1
33
2.4
9000
82
0.47
27
4.7
4500
100
3.3
15
4.7
6000
150
0.47
15
4.7
9000
200
0.47
15
LAYOUT CONSIDERATIONS
When laying out the printed circuit board, use the follow-
ing checklist to ensure proper operation of the LTC3830.
These items are also illustrated graphically in the layout
diagram of Figure 11. The thicker lines show the high
current paths. Note that at 10A current levels or above,
current density in the PC board itself is a serious concern.
Traces carrying high current should be as wide as pos-
sible. For example, a PCB fabricated with 2oz copper
requires a minimum trace width of 0.15" to carry 10A.
1. In general, layout should begin with the location of the
power devices. Be sure to orient the power circuitry so that
a clean power flow path is achieved. Conductor widths
should be maximized and lengths minimized. After you are
satisfied with the power path, the control circuitry should
be laid out. It is much easier to find routes for the relatively
small traces in the control circuits than it is to find
circuitous routes for high current paths.
2. The GND and PGND pins should be shorted directly at
the LTC3830. This helps to minimize internal ground dis-
turbances in the LTC3830 and prevent differences in ground
potential from disrupting internal circuit operation. This
connection should then tie into the ground plane at a single
point, preferably at a fairly quiet point in the circuit such as
close to the output capacitors. This is not always practical,
however, due to physical constraints. Another reasonably
good point to make this connection is between the output
capacitors and the source connection of the bottom
MOSFET Q2. Do not tie this single point ground in the trace
run between the Q2 source and the input capacitor ground,
as this area of the ground plane will be very noisy.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com