Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4002
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4002 Datasheet HTML 16Page - Analog Devices AD4002 Datasheet HTML 17Page - Analog Devices AD4002 Datasheet HTML 18Page - Analog Devices AD4002 Datasheet HTML 19Page - Analog Devices AD4002 Datasheet HTML 20Page - Analog Devices AD4002 Datasheet HTML 21Page - Analog Devices AD4002 Datasheet HTML 22Page - Analog Devices AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD4002/AD4006/AD4010
Preliminary Technical Data
Rev. PrA | Page 20 of 36
ANALOG INPUTS
Figure 35 shows an equivalent circuit of the analog input structure,
including the overvoltage clamp of the AD4002/AD4006/AD4010.
CEXT
REXT
VIN
REF
D1
IN+
GND
CLAMP
0V TO 15V
RIN
CIN
D2
CPIN
Figure 35. Equivalent Analog Input Circuit
Input Overvoltage Clamp Circuit
Most ADC analog inputs, IN+ and IN−, have no overvoltage
protection circuitry apart from ESD protection diodes. During
an overvoltage event, an ESD protection diode from an analog
input pin (IN+ or IN−) to REF forward biases and shorts the
input pin to REF, potentially overloading the reference or
causing damage to the device. The AD4002/AD4006/AD4010
internal overvoltage clamp circuit with a larger external resistor
(REXT = 200 Ω) eliminates the need for external protection
diodes and protects the ADC inputs against dc overvoltages.
In applications where the amplifier rails are greater than VREF
and less than ground, it is possible for the output to exceed
the input voltage range of the device. In this case, the AD4002/
AD4006/AD4010 internal voltage clamp circuit ensures that the
voltage on the input pin does not exceed VREF + 0.4 V and prevents
damage to the device by clamping the input voltage in a safe
operating range and avoiding disturbance of the reference,
which is particularly important for systems that share the
reference among multiple ADCs.
If the analog input exceeds the reference voltage by 0.4 V, the
internal clamp circuit turns on and the current flows through
the clamp into ground, preventing the input from rising further
and potentially causing damage to the device. The clamp turns
on before D1 (see Figure 35) and can sink up to 50 mA of current.
When the clamp is active, it sets the OV clamp flag bit in the
register that can be read back (see Table 14), which is a sticky bit
that must be read to be cleared. The status of the clamp can also
be checked in the status bits using an overvoltage clamp flag (see
Table 15). The clamp circuit does not dissipate static power in the
off state. Note that the clamp cannot sustain the overvoltage
condition for an indefinite amount of time.
The external RC filter is usually present at the ADC input
to band limit the input signal. During an overvoltage event,
excessive voltage is dropped across REXT, and REXT becomes part
of a protection circuit. The REXT value can vary from 200 Ω to
20 kΩ for 15 V protection. The CEXT value can be as low as 100 pF
for correct operation of the clamp. See Table 1 for input overvoltage
clamp specifications.
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these
differential inputs, signals common to both inputs are rejected.
By using IN− to sense a remote signal ground, ground potential
differences between the sensor and the local ADC ground are
eliminated.
Switched Capacitor Input
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of Capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 40 pF and
is mainly the ADC sampling capacitor.
During the conversion phase, in which the switches are open, the
input impedance is limited to CPIN. RIN and CIN make a single-
pole, low-pass filter that reduces undesirable aliasing effects and
limits noise.
RC Filter Values
The RC filter value (represented by R and C in Figure 33 and
Figure 34) and driving amplifier can be selected depending on
the input signal bandwidth of interest at the full throughput.
Lower input signal bandwidth means that the RC cutoff can be
lower, thereby reducing noise into the converter. For optimum
performance at various throughputs, use the recommended RC
values (200 Ω, 180 pF) and the ADA4807-1.
The RC values shown in Table 10 are chosen for ease of drive
considerations and greater ADC input protection. The combi-
nation of a large R value (200 Ω) and small C value results in a
reduced dynamic load for the amplifier to drive. The smaller value
of C means fewer stability and phase margin concerns with the
amplifier. The large value of R limits the current into the ADC
input when the amplifier output exceeds the ADC input range.
Table 10. RC Filter and Amplifier Selection for Various Input Bandwidths
Input Signal Bandwidth (kHz)
R (Ω)
C (pF)
Recommended Amplifier
<10
See the High-Z Mode section
<200
200
180
ADA4807-1
>200
200
120
ADA4897-1
Multiplexed
200
120
ADA4897-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com