Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 31 Page - Analog Devices

Part # AD4002
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4002 Datasheet HTML 27Page - Analog Devices AD4002 Datasheet HTML 28Page - Analog Devices AD4002 Datasheet HTML 29Page - Analog Devices AD4002 Datasheet HTML 30Page - Analog Devices AD4002 Datasheet HTML 31Page - Analog Devices AD4002 Datasheet HTML 32Page - Analog Devices AD4002 Datasheet HTML 33Page - Analog Devices AD4002 Datasheet HTML 34Page - Analog Devices AD4002 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Preliminary Technical Data
AD4002/AD4006/AD4010
Rev. PrA | Page 31 of 36
CS MODE, 4-WIRE TURBO MODE
This mode is typically used when a single AD4002/AD4006/
AD4010 device is connected to an SPI-compatible digital host.
It provides additional time during the end of the ADC conversion
process to clock out the previous conversion result, giving a
lower SCK rate. The AD4002 can achieve a throughput rate of
2 MSPS only when turbo mode is enabled and using a minimum
SCK rate of 75 MHz. With turbo mode enabled, the AD4006
can also achieve its maximum throughput rate of 1 MSPS with a
minimum SCK rate of 25 MHz, and the AD4010 can achieve its
maximum throughput rate of 500 kSPS with a minimum SCK
rate of 11 MHz.
The connection diagram is shown in Figure 56, and the
corresponding timing diagram is shown in Figure 57.
AD4002/
AD4006/
AD4010
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
1kΩ
CS1
Figure 56. CS Mode, 4-Wire Turbo Mode Connection Diagram
This mode replaces the 4-wire with busy indicator mode by
programming the turbo mode bit, Bit 1 (see Table 14).
With SDI high, a rising edge on CNV initiates a conversion.
The previous conversion data is available to read after the CNV
rising edge. The user must wait tQUIET1 time after CNV is
brought high before bringing SDI low to clock out the previous
conversion result. The user must also wait tQUIET2 time after the
last falling edge of SCK to when CNV is brought high.
When the conversion is complete, the AD4002/AD4006/AD4010
enter the acquisition phase and power down. The ADC result
can be read by bringing its SDI input low, which consequently
outputs the MSB onto SDO. The remaining data bits are then
clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can capture the data, a
digital host using the SCK falling edge allows a faster reading
rate, provided it has an acceptable hold time. After the 18th SCK
falling edge or when SDI goes high (whichever occurs first),
SDO returns to high impedance.
ACQUISITION
SDO
SCK
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tCYC
tSCK
tSCKL
tEN
tHSDO
1
2
3
16
17
18
tDSDO
tDIS
tSCKH
D17
D16
D15
D1
D0
tQUIET1
tQUIET2
tACQ
CONVERSION
tCONV
Figure 57. CS Mode, 4-Wire Turbo Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com