Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4002
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices AD4002 Datasheet HTML 25Page - Analog Devices AD4002 Datasheet HTML 26Page - Analog Devices AD4002 Datasheet HTML 27Page - Analog Devices AD4002 Datasheet HTML 28Page - Analog Devices AD4002 Datasheet HTML 29Page - Analog Devices AD4002 Datasheet HTML 30Page - Analog Devices AD4002 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Preliminary Technical Data
AD4002/AD4006/AD4010
Rev. PrA | Page 27 of 36
STATUS WORD
The 6-bit status word can be appended to the end of a conversion
result, and the default conditions of these bits are shown in
Table 15. The status bits must be enabled in the register setting.
When the overvoltage clamp flag (OV) is a 0, it indicates an
overvoltage condition. The overvoltage clamp flag status bit
updates on a per conversion basis.
The SDO line goes to high-Z after the sixth status bit is clocked
out (except in daisy-chain mode). The user is not required to
clock out all status bits to start the next conversion. The serial
interface timing for CS mode, 3-wire without busy indicator,
including status bits, is shown in Figure 49.
Table 15. Status Bits (Default Conditions)
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Overvoltage (OV) clamp flag
Span compression
High-Z mode
Turbo mode
Reserved
Reserved
SDO
D17
D16
D15
D1
D0
SCK
1
2
3
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CN V
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
ACQ
tEN
23
24
tQUIET2
STATUS BITS B[5:0]
b1
tDIS
b0
22
tCONV
Figure 49. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing Diagram, Including Status Bits (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com