Electronic Components Datasheet Search
  English  ▼

X  

AD4005 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4005
Description  Precision, Differential SAR ADCs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4005 Datasheet(HTML) 1 Page - Analog Devices

  AD4005 Datasheet HTML 1Page - Analog Devices AD4005 Datasheet HTML 2Page - Analog Devices AD4005 Datasheet HTML 3Page - Analog Devices AD4005 Datasheet HTML 4Page - Analog Devices AD4005 Datasheet HTML 5Page - Analog Devices AD4005 Datasheet HTML 6Page - Analog Devices AD4005 Datasheet HTML 7Page - Analog Devices AD4005 Datasheet HTML 8Page - Analog Devices AD4005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
16-Bit, 2 MSPS/1 MSPS,
Precision, Differential SAR ADCs
Data Sheet
AD4001/AD4005
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput: 2 MSPS/1 MSPS options
INL: ±0.4 LSB maximum
Guaranteed 16-bit no missing codes
Low power
9.5 mW at 2 MSPS, 4.9 mW at 1 MSPS (VDD only)
80 μW at 10 kSPS, 16 mW at 2 MSPS (total)
SNR: 96.2 dB typical at 1 kHz,VREF = 5V; 95.5 dB typical at 100 kHz
THD: −123 dB typical at 1 kHz,VREF = 5V; −99 dB typical at 100 kHz
Ease of use features reduce system power and complexity
Input overvoltage clamp circuit
Reduced nonlinear input charge kickback
High-Z mode
Long acquisition phase
Input span compression
Fast conversion time allows low SPI clock rates
SPI-programmable modes, read/write capability, status word
Differential analog input range: ±VREF
0 V to VREF with VREF from 2.4 V to 5.1 V
Single 1.8 V supply operation with 1.71 V to 5.5 V logic interface
SAR architecture: no latency/pipeline delay, valid first conversion
First accurate conversion
Guaranteed operation: −40°C to +125°C
SPI-/QSPI-/MICROWIRE-/DSP-compatible serial interface
Ability to daisy-chain multiple ADCs and busy indicator
10-lead packages: 3 mm × 3 mm LFCSP, 3 mm × 4.90 mm MSOP
APPLICATIONS
Automatic test equipment
Machine automation
Medical equipment
Battery-powered equipment
Precision data acquisition systems
GENERAL DESCRIPTION
The AD4001/AD4005 are low noise, low power, high speed, 16-bit,
precision successive approximation register (SAR) analog-to-digital
converters (ADCs). The AD4001 offers a 2 MSPS throughput, and
the AD4005 offers a 1 MSPS throughput. They incorporate ease
of use features that reduce signal chain power consumption,
reduce signal chain complexity, and enable higher channel density.
The high-Z mode, coupled with a long acquisition phase,
eliminates the need for a dedicated high power, high speed
ADC driver, thus broadening the range of low power precision
amplifiers that can drive these ADCs directly, while still achieving
optimum performance. The input span compression feature
enables the ADC driver amplifier and the ADC to operate off
common supply rails without the need for a negative supply while
preserving the full ADC code range. The low serial peripheral
interface (SPI) clock rate requirement reduces the digital
input/output power consumption, broadens processor options,
and simplifies the task of sending data across digital isolation.
Operating from a 1.8 V supply, the AD4001/AD4005 have a ±VREF
fully differential input range with VREF ranging from 2.4 V to 5.1 V.
The AD4001 consumes only 16 mW at 2 MSPS with a minimum
SCK rate of 70 MHz in turbo mode, and the AD4005 consumes
only 8 mW at 1 MSPS. The AD4001/AD4005 both achieve
±0.4 LSB integral nonlinearity error (INL) maximum, guaranteed
no missing codes at 16 bits with 96.2 dB typical signal-to-noise
ratio (SNR) for 1 kHz inputs. The reference voltage is applied
externally and can be set independently of the supply voltage.
The SPI-compatible, versatile serial interface features seven
different modes including the ability, using the SDI input, to
daisy-chain several ADCs on a single 3-wire bus, and provides an
optional busy indicator. The AD4001/AD4005 are compatible with
1.8 V, 2.5 V, 3 V, and 5 V logic, using the separate VIO supply.
The AD4001/AD4005 are available in a 10-lead MSOP or LFCSP
with operation specified from −40°C to +125°C. The devices are
pin compatible with the 18-bit, 2 MSPS AD4003 (see Table 8).
FUNCTIONAL BLOCK DIAGRAM
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4001/
AD4005
16-BIT
SAR ADC
SERIAL
INTERFACE
VIO
REF
VDD
VREF
0
VREF
0
VREF/2
VREF/2
HIGH-Z
MODE
CLAMP
SPAN
COMPRESSION
TURBO
MODE
STATUS
BITS
2.4V TO 5.1V
1.8V
10µF
1.8V TO 5V
3-WIRE OR 4-WIRE
SPI INTERFACE
(DAISY CHAIN, CS)
Figure 1.


Similar Part No. - AD4005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
4000 關m active area
logo
Analog Devices
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
More results

Similar Description - AD4005

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
MT-074 AD-MT-074 Datasheet
255Kb / 5P
Differential Drivers for Precision ADCs
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4002 AD-AD4002 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. PrA
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
Precision, Differential SAR ADCs
Rev. B
AD4020 AD-AD4020 Datasheet
789Kb / 37P
Precision SAR, Differential ADC
Rev. A
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com