Electronic Components Datasheet Search
  English  ▼

X  

AD4005 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4005
Description  Precision, Differential SAR ADCs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4005 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4005 Datasheet HTML 29Page - Analog Devices AD4005 Datasheet HTML 30Page - Analog Devices AD4005 Datasheet HTML 31Page - Analog Devices AD4005 Datasheet HTML 32Page - Analog Devices AD4005 Datasheet HTML 33Page - Analog Devices AD4005 Datasheet HTML 34Page - Analog Devices AD4005 Datasheet HTML 35Page - Analog Devices AD4005 Datasheet HTML 36Page - Analog Devices AD4005 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Data Sheet
AD4001/AD4005
Rev. B | Page 33 of 37
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is typically used when multiple AD4001/AD4005
devices are connected to an SPI-compatible digital host.
A connection diagram example using two AD4001/AD4005
devices is shown in Figure 60, and the corresponding timing
diagram is shown in Figure 61.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback. If SDI and CNV are low, SDO is
driven low. Prior to the minimum conversion time, SDI can select
other SPI devices, such as analog multiplexers; however, SDI
must be returned high before the minimum conversion time
elapses and then held high for the maximum possible conversion
time to avoid the generation of the busy signal indicator.
When the conversion is complete, the AD4001/AD4005 enter
the acquisition phase and power down. Each ADC result can be
read by bringing its SDI input low, which consequently outputs
the MSB onto SDO. The remaining data bits are then clocked by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can capture the data, a digital
host using the SCK falling edge allows a faster reading rate,
provided it has an acceptable hold time. After the 16th SCK falling
edge or when SDI goes high (whichever occurs first), SDO returns
to high impedance and another AD4001/AD4005 can be read.
SDI
SDO
CNV
SCK
SDI
SDO
CNV
SCK
DEVICE B
DEVICE A
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD4001/
AD4005
AD4001/
AD4005
Figure 60. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
SDO
D15
D14
D13
D1
D0
tDIS
SCK
12
3
30
31
32
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
CYC
tACQ
ACQUISITION
SDI(CS1)
CNV
tSSDICNV
tHSDICNV
D1
14
15
tSCK
tSCKL
tSCKH
D0
D15
D14
17
18
16
SDI(CS2)
tQUIET2
Figure 61. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com