Electronic Components Datasheet Search
  English  ▼

X  

AD4005 Datasheet(PDF) 31 Page - Analog Devices

Part # AD4005
Description  Precision, Differential SAR ADCs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4005 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4005 Datasheet HTML 27Page - Analog Devices AD4005 Datasheet HTML 28Page - Analog Devices AD4005 Datasheet HTML 29Page - Analog Devices AD4005 Datasheet HTML 30Page - Analog Devices AD4005 Datasheet HTML 31Page - Analog Devices AD4005 Datasheet HTML 32Page - Analog Devices AD4005 Datasheet HTML 33Page - Analog Devices AD4005 Datasheet HTML 34Page - Analog Devices AD4005 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Data Sheet
AD4001/AD4005
Rev. B | Page 31 of 37
CS MODE, 3-WIRE WITH BUSY INDICATOR
This mode is typically used when a single AD4001/AD4005 is
connected to an SPI-compatible digital host with an interrupt
input (IRQ).
The connection diagram is shown in Figure 56, and the
corresponding timing diagram is shown in Figure 57.
With SDI tied to VIO, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. SDO
is maintained in high impedance until the completion of the
conversion irrespective of the state of CNV. Prior to the minimum
conversion time, CNV can select other SPI devices, such as
analog multiplexers; however, CNV must be returned low
before the minimum conversion time elapses and then held
low for the maximum possible conversion time to guarantee
the generation of the busy signal indicator.
When the conversion is complete, SDO goes from high
impedance to low impedance. With a pull-up resistor of 1 kΩ
on the SDO line, this transition can be used as an interrupt
signal to initiate the data reading controlled by the digital host.
The AD4001/AD4005 then enter the acquisition phase and
power down. The data bits are then clocked out, MSB first, by
subsequent SCK falling edges. The data is valid on both SCK edges.
Although the rising edge can capture the data, a digital host
using the SCK falling edge allows a faster reading rate, provided
it has an acceptable hold time. After the optional 17th SCK
falling edge or when CNV goes high (whichever occurs first),
SDO returns to high impedance.
If multiple AD4001/AD4005 devices are selected at the same
time, the SDO output pin handles this contention without
damage or induced latch-up. Meanwhile, it is recommended
to keep this contention as short as possible to limit extra power
dissipation.
There must not be any digital activity on the SCK during the
conversion.
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
IRQ
VIO
1kΩ
AD4001/
AD4005
Figure 56. CS Mode, 3-Wire with Busy Indicator Connection Diagram (SDI High)
SDO
D15
D14
D1
D0
tDIS
SCK
12
3
15
16
17
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tQUIET2
Figure 57. CS Mode, 3-Wire with Busy Indicator Serial Interface Timing Diagram (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com