Electronic Components Datasheet Search
  English  ▼

X  

AD4005 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4005
Description  Precision, Differential SAR ADCs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4005 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4005 Datasheet HTML 17Page - Analog Devices AD4005 Datasheet HTML 18Page - Analog Devices AD4005 Datasheet HTML 19Page - Analog Devices AD4005 Datasheet HTML 20Page - Analog Devices AD4005 Datasheet HTML 21Page - Analog Devices AD4005 Datasheet HTML 22Page - Analog Devices AD4005 Datasheet HTML 23Page - Analog Devices AD4005 Datasheet HTML 24Page - Analog Devices AD4005 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
AD4001/AD4005
Rev. B | Page 21 of 37
the device by clamping the input voltage in a safe operating
range and avoiding disturbance of the reference, which is
particularly important for systems that share the reference
among multiple ADCs.
If the analog input exceeds the reference voltage by 0.4 V, the
internal clamp circuit turns on and the current flows through
the clamp into ground, preventing the input from rising further
and potentially causing damage to the device. The clamp turns
on before D1 (see Figure 36) and can sink up to 50 mA of current.
When the clamp is active, it sets the OV clamp flag bit in the
register that can be read back (see Table 14), which is a sticky bit
that must be read to be cleared. The status of the clamp can also
be checked in the status bits using an overvoltage clamp flag
(see Table 15). The clamp circuit does not dissipate static power
in the off state. Note that the clamp cannot sustain the overvoltage
condition for an indefinite amount of time.
The external RC filter is usually present at the ADC input to
band limit the input signal. During an overvoltage event, excessive
voltage is dropped across REXT, and REXT becomes part of a
protection circuit. The REXT value can vary from 200 Ω to 20 kΩ
for 15 V protection. The CEXT value can be as low as 100 pF for
correct operation of the clamp. See Table 1 for input overvoltage
clamp specifications.
Differential Input Considerations
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these differential
inputs, signals common to both inputs are rejected. Figure 37
shows the common-mode rejection capability of the AD4001/
AD4005 over frequency. It is important to note that the differential
input signals must be truly antiphase in nature, 180° out of phase,
which is required to keep the common-mode voltage of the input
signal within the specified range around VREF/2 as shown in Table 1.
72
71
70
69
68
67
66
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 37. CMRR vs. Frequency, VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C
Switched Capacitor Input
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of Capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 40 pF and
is mainly the ADC sampling capacitor.
During the conversion phase, where the switches are open, the
input impedance is limited to CPIN. RIN and CIN make a single-
pole, low-pass filter that reduces undesirable aliasing effects and
limits noise.
RC Filter Values
The RC filter value (represented by R and C in Figure 32 to
Figure 35) and driving amplifier can be selected depending on
the input signal bandwidth of interest at the full throughput.
Lower input signal bandwidth means that the RC cutoff can be
lower, thereby reducing noise into the converter. For optimum
performance at various throughputs, use the recommended RC
values (200 Ω, 180 pF) and the ADA4807-1.
The RC values shown in Table 10 are chosen for ease of
drive considerations and greater ADC input protection. The
combination of a large R value (200 Ω) and small C value
results in a reduced dynamic load for the amplifier to drive. The
smaller value of C means fewer stability and phase margin
concerns with the amplifier. The large value of R limits the current
into the ADC input when the amplifier output exceeds the ADC
input range.
Table 10. RC Filter and Amplifier Selection for Various Input Bandwidths
Input Signal Bandwidth (kHz)
R (Ω)
C (pF)
Recommended Amplifier
Recommended Fully Differential Amplifier
<10
See the High-Z Mode section
ADA4940-1
<200
200
180
ADA4807-1
ADA4940-1
>200
200
120
ADA4897-1
ADA4932-1
Multiplexed
200
120
ADA4897-1
ADA4932-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com