Electronic Components Datasheet Search
  English  ▼

X  

AD4005 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4005
Description  Precision, Differential SAR ADCs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4005 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4005 Datasheet HTML 9Page - Analog Devices AD4005 Datasheet HTML 10Page - Analog Devices AD4005 Datasheet HTML 11Page - Analog Devices AD4005 Datasheet HTML 12Page - Analog Devices AD4005 Datasheet HTML 13Page - Analog Devices AD4005 Datasheet HTML 14Page - Analog Devices AD4005 Datasheet HTML 15Page - Analog Devices AD4005 Datasheet HTML 16Page - Analog Devices AD4005 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
AD4001/AD4005
Rev. B | Page 13 of 37
92.5
93.0
93.5
94.0
94.5
95.0
95.5
96.0
96.5
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
REFERENCE VOLTAGE (V)
ENOB
SNR
SINAD
Figure 17. SNR, SINAD, and ENOB vs. Reference Voltage, fIN = 1 kHz
15.63
15.64
15.65
15.66
15.67
15.68
15.69
15.70
15.71
15.72
15.73
95.9
96.0
96.1
96.2
96.3
96.4
96.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
SNR
SINAD
ENOB
Figure 18. SNR, SINAD, and ENOB vs. Temperature, fIN = 1 kHz
95
100
105
110
115
120
125
130
1
2
4
8
16
32
64
128
256
1024
512
DECIMATION RATE
DYNAMIC RANGE
FREQUENCY = 1kHz
FREQUENCY = 10kHz
Figure 19. SNR vs. Decimation Rate for Various Input Frequencies, 2 MSPS
–132
–130
–128
–126
–124
–122
–120
–118
–116
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
120
121
122
123
124
125
126
127
128
129
REFERENCE VOLTAGE (V)
SFDR
THD
Figure 20. THD and SFDR vs. Reference Voltage, fIN = 1 kHz
126.3
126.4
126.5
126.6
126.7
126.8
126.9
127.0
127.1
–129
–128
–127
–126
–125
–124
–123
–122
–121
–120
–119
–118
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
THD
SFDR
Figure 21. THD and SFDR vs. Temperature, fIN = 1 kHz
89
90
91
92
93
94
95
96
97
0
20
40
60
80
100
tQUIET2 (ns)
VIO = 1.89V
VIO = 3.6V
VIO = 5.5V
Figure 22. SINAD vs. tQUIET2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com